Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB-1032-SFP Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FDB-1032-SFP
Description  FDB-1032-SFP Evaluation Board for SFP/SFP/SFP28
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FDB-1032-SFP Datasheet(HTML) 2 Page - Finisar Corporation.

  FDB-1032-SFP Datasheet HTML 1Page - Finisar Corporation. FDB-1032-SFP Datasheet HTML 2Page - Finisar Corporation. FDB-1032-SFP Datasheet HTML 3Page - Finisar Corporation. FDB-1032-SFP Datasheet HTML 4Page - Finisar Corporation. FDB-1032-SFP Datasheet HTML 5Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© Finisar Corporation 03FEB2016 Rev C
Page 2
SPECIFICATIONS
The FDB-1032-SFP+ Evaluation Board has
several different power options:
• A laboratory grade power supply with
a voltage of 3.3VDC at a maximum
of 1.2A at “Eval_Vcc” (J12); Set S7
to “5V REG”. Set S8 to
“COMBINED”. This will use the one
power supply to power the Eval
board and the SFP. Note that there
will be a voltage drop at the SFP due
to a diode that protects against
accidental reverse voltages. It is
recommended to measure the Vcc to
the SFP at the “Mod_Vcc” tap near
the SFP cage to make sure it is
within operating limits. This power
drop can be avoided in this setting
by attaching the power supply to
Mod_Vcc (J14), but the voltage
protection will also be avoided.
• An 8-20VDC source (e.g. laptop
power supply) at J7; Set S7 to “5V
REG”. Set S8 to “COMBINED”.
This is the recommended
configuration. The Eval Board has
reverse voltage protection and is
fused against shorts, but there is no
voltage drop at the SFP connector.
The jumper-hook labeled 8-20VDC
and the ground pin next to it, may
also be used in this configuration.
• A laboratory grade power supply with
a voltage of 3.3VDC at a maximum
of 1.2A at “Module_Vcc” (J14); Set
S7 to “5V USB”. Set S8 to
“SEPARATE”. This will use the
power supply to power the SFP
alone and have the Eval board
powered by the USB. There is no
reverse voltage protection diode on
this supply input.
• For Class 1 (1W max) SFP/SFP+/
SFP28 power applications, power via
USB. Set S7 to “5V USB”. Set S8 to
“COMBINED”. This will use the USB
voltage for the Eval board as well as
the SFP. It is recommended to
measure the Vcc to the SFP at
“Mod_Vcc” near the SFP cage to
make sure it is within operating
limits.
Note that the MSA compliant pi filter will still
be used for the SFP port in any of the
above configurations.
The high speed lines are designed so there
is <1ps skew between each differential pair.
The standard SMA connectors used for the
high speed differential pairs are female.
MANUAL MODE OPERATION
If the GUI interface is not used, the Eval
Board can still be used in manual mode,
where it can serve as a test platform for the
SFP, SFP+ or SFP28 module to be
mounted. Set slider switches, S4, S5 and
S6 to the “SW” position, which is toward the
SFP cage.
For the TWI (Two Wire Interface), use the
taps that are labeled “MODSDA” and
“MODSCL” near the LEDs. The other TWI
taps are for internal use only.
AUTOMATED CONTROL MODE
OPERATION
For GUI controlled operation set slider
switches S4, S5, and S6 to the “PC”
position, away from the SFP cage. Launch
the GUI called Transceiver Workbench SFP
MSA. This GUI will give you access to the
DDM (Digital Diagnostic Monitors) as well
as let you see and control masks for the
Alarms and Warnings.
GUI INSTALLATION
Please contact Finisar for the required
driver and software GUI. See the
datasheet (FDB-INT-USB3) for the
installation of the drivers necessary for the
USB connection. Once the Eval Board is
“seen” by the machine, the GUI can be
installed. Copy the folder
“Transceiver_Workbench_SFP_
Customer_x.x.xx” to the computer’s hard
drive. Find the executable file
“Transceiver_Workbench_SFP_MSA. exe”
and run this application.


Similar Part No. - FDB-1032-SFP

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FDB-1018 FINISAR-FDB-1018 Datasheet
491Kb / 3P
   SFP Evaluation Board
FDB-1022 FINISAR-FDB-1022 Datasheet
538Kb / 3P
   XFP Evaluation Board
FDB-1027 FINISAR-FDB-1027 Datasheet
108Kb / 3P
   SFP/SFP Evaluation Board
FDB-1042 FINISAR-FDB-1042 Datasheet
110Kb / 2P
   QSFP Evaluation Board
FDB-1048 FINISAR-FDB-1048 Datasheet
144Kb / 1P
   FDB-1048 Wavelength Tuning Evaluation Board
More results

Similar Description - FDB-1032-SFP

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FDB-1027 FINISAR-FDB-1027 Datasheet
108Kb / 3P
   SFP/SFP Evaluation Board
FDB-1018 FINISAR-FDB-1018 Datasheet
491Kb / 3P
   SFP Evaluation Board
logo
PHOENIX CONTACT
1334224 PHOENIX-1334224 Datasheet
432Kb / 11P
   Printed-circuit board connector - FOCCON: SFP/SFP:20AU:SMT
logo
Finisar Corporation.
FDB-1048 FINISAR-FDB-1048 Datasheet
144Kb / 1P
   FDB-1048 Wavelength Tuning Evaluation Board
logo
Tyco Electronics
2032237-1 MACOM-2032237-1 Datasheet
235Kb / 2P
   CABLE ASSY, 24AWG, SFP TO SFP
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709JAMZ AVAGO-AFBR-709JAMZ Datasheet
507Kb / 18P
   SFP Transceiver
logo
Micrel Semiconductor
TXRX-982 MICREL-TXRX-982 Datasheet
1Mb / 10P
   SFP Module
logo
PHOENIX CONTACT
7762 PHOENIX-7762 Datasheet
209Kb / 5P
   FL SFP
logo
Pulse A Technitrol Comp...
E81M0-002-02-LT PULSE-E81M0-002-02-LT Datasheet
176Kb / 1P
   SFP CONNECTOR
logo
AQUANTIA CORP.
AQS-107-B0C2-CX AQUANTIA-AQS-107-B0C2-CX Datasheet
105Kb / 2P
   SFP Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com