Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN2111 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LMUN2111
Description  Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2111 Datasheet(HTML) 6 Page - Leshan Radio Company

  LMUN2111 Datasheet HTML 1Page - Leshan Radio Company LMUN2111 Datasheet HTML 2Page - Leshan Radio Company LMUN2111 Datasheet HTML 3Page - Leshan Radio Company LMUN2111 Datasheet HTML 4Page - Leshan Radio Company LMUN2111 Datasheet HTML 5Page - Leshan Radio Company LMUN2111 Datasheet HTML 6Page - Leshan Radio Company LMUN2111 Datasheet HTML 7Page - Leshan Radio Company LMUN2111 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2111–6/8
LMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS
LMUN2113LT1
Figure 12. VCE(sat) versus IC
100
10
1
0.1
0
10
20
30
40
IC, COLLECTOR CURRENT (mA)
TA =-25°C
25°C
75°C
50
Figure 13. DC Current Gain
Figure 14. Output Capacitance
100
10
1
0.1
0.01
0.001
010
25°C
Vin, INPUT VOLTAGE (VOLTS)
-25°C
Figure 15. Output Current versus Input Voltage
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
25°C
-25°C
Figure 16. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
010
20
30
40
75°C
25°C
50
010
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
1
2
3
4
5
6
7
8
9
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VO = 2 V
IC/IB = 10
TA = 75°C
TA = 75°C
TA =-25°C


Similar Part No. - LMUN2111

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
169Kb / 9P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2111LT1G LEIDITECH-LMUN2111LT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2111LT1G LRC-LMUN2111LT1G_15 Datasheet
138Kb / 8P
   Bias Resistor Transistors
LMUN2111LT3G LRC-LMUN2111LT3G Datasheet
655Kb / 10P
   Bias Resistor Transistors
More results

Similar Description - LMUN2111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com