Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR32431EBCR-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR32431EBCR-F
Description  3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32431EBCR-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR32431EBCR-F Datasheet HTML 6Page - Exar Corporation XR32431EBCR-F Datasheet HTML 7Page - Exar Corporation XR32431EBCR-F Datasheet HTML 8Page - Exar Corporation XR32431EBCR-F Datasheet HTML 9Page - Exar Corporation XR32431EBCR-F Datasheet HTML 10Page - Exar Corporation XR32431EBCR-F Datasheet HTML 11Page - Exar Corporation XR32431EBCR-F Datasheet HTML 12Page - Exar Corporation XR32431EBCR-F Datasheet HTML 13Page - Exar Corporation XR32431EBCR-F Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2014 Exar Corporation
XR32430/XR32431
10 / 13
exar.com/XR32430_XR32431
Rev 1A
The charge pump operates with 0.1μF capacitors for 3.3V
operation. For other supply voltages, see the table for
required capacitor values. Do not use values smaller than
those listed. Increasing the capacitor values (e.g., by dou-
bling in value) reduces ripple on the transmitter outputs and
may slightly reduce power consumption. C2, C3, and C4
can be increased without changing C1’s value.
For best charge pump efficiency locate the charge pump
and bypass capacitors as close as possible to the IC. Sur-
face mount capacitors are best for this purpose. Using
capacitors with lower equivalent series resistance (ESR)
and self-inductance, along with minimizing parasitic PCB
trace inductance will optimize charge pump operation.
Designers are also advised to consider that capacitor val-
ues may shift over time and operating temperature.
AUTO ON-LINE® Circuitry
The XR32430/31 devices have a patent pending AUTO
ON-LINE® circuitry on board that saves power in applica-
tions such as laptop computers, palmtop (PDA) computers
and other portable systems.
The XR32430/31 devices incorporate an AUTO ON-LINE®
circuit that automatically enables itself when the external
transmitters are enabled and the cable is connected. Con-
versely, the AUTO ON-LINE® circuit also disables most of
the internal circuitry when the device is not being used and
goes into a standby mode where the device typically draws
1μA. This function is externally controlled by the ONLINE
pin. When this pin is tied to a logic LOW, the AUTO ON-
LINE® function is active. Once active, the device is enabled
until there is no activity on the receiver inputs. The receiver
input typically sees at least +3V, which are generated from
the transmitters at the other end of the cable with a +5V
minimum.
When the external transmitters are disabled or the cable is
disconnected, the receiver inputs will be pulled down by
their internal 5kΩ resistors to ground. When this occurs
over a period of time, the internal transmitters will be dis-
abled and the device goes into a shutdown or standby
mode. When ONLINE is HIGH, the AUTO ON-LINE® mode
is disabled.
Figure 11: Auto On-Line Timing
The STATUS pin goes to a logic LOW when the cable is dis-
connected or the external transmitters are disabled.
When the XR32430/31 drivers and internal charge pump
are disabled, the supply current is reduced to 1μA. This can
commonly occur in hand-held or portable applications
where the RS-232 cable is disconnected or the RS-232
drivers of the connected peripheral are turned off.
The AUTO ON-LINE® mode can be disabled by the SHUT-
DOWN pin. If this pin is a logic LOW, the AUTO ON-LINE®
function will not operate regardless of the logic state of the
ONLINE pin. The truth table logic of the XR32430/31 driver
and receiver outputs can be found in Table 3 on page 11.
The STATUS pin outputs a logic LOW signal if the no valid
RS-232 level is detected at either of the receiver inputs.
This pin goes to a logic HIGH when the external transmit-
ters are enabled and the cable is connected providing valid
RS-232 voltage levels to all the RxIN receiver input pins.
Table 1:
Minimum Recommended Charge Pump
Capacitor Values
Supply Voltage
VCC
Charge Pump Capacitor
Value for XR32430/31
3.0V to 3.6V
C1 - C4 = 0.1
F
4.5V to 5.5V
C1 = 0.047
F,
C2 - C4 = 0.33
F
3.0V to 5.5V
C1 - C4 = 0.22
F
Invalid
Region
RS-232
Receiver
Input
Voltage
tSTSL
tSTSH
tOFFLINE
tONLINE
RS-232
Driver
Output
Voltage
STATUS
+5V
-5V
Charge
Pump
V+
V-
VCC
0V


Similar Part No. - XR32431EBCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F/TR EXAR-XR32431EBCR-F/TR Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results

Similar Description - XR32431EBCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32430EBER-F EXAR-XR32430EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EBCRTR-F EXAR-XR32430EBCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EHCRTR-F EXAR-XR32430EHCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32220EBER-L EXAR-XR32220EBER-L Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220EBER-L-TR EXAR-XR32220EBER-L-TR Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220 EXAR-XR32220_17 Datasheet
617Kb / 15P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR32330 EXAR-XR32330 Datasheet
711Kb / 13P
   3-Driver/3-Receiver Intelligent RS-232 Transceiver
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com