Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR32431EHCR-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XR32431EHCR-F
Description  3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32431EHCR-F Datasheet(HTML) 1 Page - Exar Corporation

  XR32431EHCR-F Datasheet HTML 1Page - Exar Corporation XR32431EHCR-F Datasheet HTML 2Page - Exar Corporation XR32431EHCR-F Datasheet HTML 3Page - Exar Corporation XR32431EHCR-F Datasheet HTML 4Page - Exar Corporation XR32431EHCR-F Datasheet HTML 5Page - Exar Corporation XR32431EHCR-F Datasheet HTML 6Page - Exar Corporation XR32431EHCR-F Datasheet HTML 7Page - Exar Corporation XR32431EHCR-F Datasheet HTML 8Page - Exar Corporation XR32431EHCR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2014 Exar Corporation
XR32430/XR32431
3-Driver/5-Receiver Intelligent RS-232 Transceiver
with 1.65V-5.5V Interface
exar.comXR32430_XR32431
Rev 1A
1 / 13
General Description
The XR32430 and XR32431 products are 3 driver/ 5 receiver
RS-232 transceivers. The XR32431 features a variable low volt-
age logic interface, down to 1.65V. These products are intended
for portable or hand-held applications such as notebook and
palmtop computers. The XR32430EB and XR32431EB devices
feature slew-rate limited outputs for reduced crosstalk and EMI.
The XR32430EH and XR32431EH devices are optimized for mid
speed applications, with data rates up to 460Kbps. The
XR32430EU and XR32431EU devices are optimized for high
speed designs with data rates up to 1Mbps, easily meeting the
demands of high speed RS-232 applications.
The XR32430/31 uses an internal high-efficiency charge-pump
power supply that requires only four 0.1μF capacitors in 3.3V
operation. This charge pump combined with Exar's driver archi-
tecture allow the XR32430/31 to deliver compliant RS-232 perfor-
mance from a single power supply ranging from +3.0V to +5.5V.
The AUTO ON-LINE® feature allows the device to automatically
"wake-up" during a shutdown state when an RS-232 cable is con-
nected and a connected peripheral is turned on. Otherwise, the
device automatically shuts itself down drawing less than 1μA.
FEATURES
• Meets true EIA/TIA-232-F Standards from a
+3.0V to 5.5V power supply
• Interoperable with EIA/TIA-232 and adheres to
EIA/TIA-562 down to a +2.7V power source
•1.65V to 5.5V Logic Interface VL pin (XR32431)
• AUTO ON-LINE circuitry automatically wakes up
from a 1
A shutdown
• Regulated Charge Pump yields stable RS-232
Outputs regardless of VCC variations
• Enhanced ESD Specifications
±15kV Human Body Model
±15kV IEC61000-4-2 Air Discharge
±8kV IEC61000-4-2 Contact Discharge
• 250Kbps/460Kbps/1Mbps min transmission
rates (speed grades B/H/U)
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) package
APPLICATIONS
• Industrial and Single Board Computers
• Industrial and Process Control Equipment
• Point-Of-Sales Equipment
• Building Security and Automation
Ordering Information – page 13
Typical XR32431 Application and Package Pinout
T3OUT
T2OUT
T2IN
T3IN
R2IN
R2OUT
R2OUT
Shutdown
OnLine
Status
Charge
Pump
C1+
C1-
C2+
C2-
V+
V-
RS-232
Outputs
RS-232
Inputs
TTL/CMOS
Inputs
TTL/CMOS
Outputs
Auto On-line /
Control
5K
T1OUT
T1IN
R1IN
R1OUT
5K
R4IN
R5IN
R4OUT
R5OUT
5K
5K
R3IN
R3OUT
5K
0.1
F
VCC
VCC
VL
VL
0.1
F
25
26
0.1
F
0.1
F
0.1
F
0.1
F
To
-P Supervisor
Circuit
VCC
23
28
29
30
30
26
22
21
20
1
2
3
4
5
6
7
8
12
11
10
18
17
19
15
14
13
24
1
2
3
4
5
17
6
18
R1IN
R2IN
T1OUT
T2OUT
R1OUT
C1-
GND
25
26
27
29
30
31
32
28
R3IN
R4IN
R5IN
T3OUT
R2OUT
R2OUT
XR32431
32 pin QFN (5x5mm)


Similar Part No. - XR32431EHCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F/TR EXAR-XR32431EHCR-F/TR Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results

Similar Description - XR32431EHCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32430EUCRTR-F EXAR-XR32430EUCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EBCRTR-F EXAR-XR32430EBCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EHCRTR-F EXAR-XR32430EHCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32220EBER-L EXAR-XR32220EBER-L Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220EBER-L-TR EXAR-XR32220EBER-L-TR Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220 EXAR-XR32220_17 Datasheet
617Kb / 15P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR32330 EXAR-XR32330 Datasheet
711Kb / 13P
   3-Driver/3-Receiver Intelligent RS-232 Transceiver
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com