Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR32431EHCR-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XR32431EHCR-F
Description  3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32431EHCR-F Datasheet(HTML) 3 Page - Exar Corporation

  XR32431EHCR-F Datasheet HTML 1Page - Exar Corporation XR32431EHCR-F Datasheet HTML 2Page - Exar Corporation XR32431EHCR-F Datasheet HTML 3Page - Exar Corporation XR32431EHCR-F Datasheet HTML 4Page - Exar Corporation XR32431EHCR-F Datasheet HTML 5Page - Exar Corporation XR32431EHCR-F Datasheet HTML 6Page - Exar Corporation XR32431EHCR-F Datasheet HTML 7Page - Exar Corporation XR32431EHCR-F Datasheet HTML 8Page - Exar Corporation XR32431EHCR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2014 Exar Corporation
XR32430/XR32431
3 / 13
exar.com/XR32430_XR32431
Rev 1A
Electrical Characteristics
Unless otherwise noted: TA = -40°C to +85°C, VCC = 3.3V±10% or 5.0V±10%, VL = VCC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC CHARACTERISTICS
ICC1
Supply Current, Auto On-Line
enabled
All RxIN open, Online = GND, Shutdown
= VL, VCC = VL = 3.3V, TxIN = VL or
GND
•1.0
10
μA
ICC2
Supply Current, Shutdown
Shutdown = GND, VCC = VL = 3.3V,
TxIN = VL or GND
•1.0
10
μA
ICC3
Supply Current, Auto On-Line dis-
abled
Online = Shutdown = VL, no load,
VCC
= VL = 3.3V, TxIN = VL or GND
•0.3
1.0
mA
LOGIC INPUTS AND OUTPUTS - XR32430
VIL
Input Low Voltage
TxIN, Online, Shutdown ;
3.0V≤ VCC ≤ 5.5V
•0.8
V
VIH
Input High Voltage
2.4
V
IIL
Input Leakage Current
TxIN, Online, Shutdown ; VIN = 0V to
VCC
•±0.01
±1.0
A
IOL
Output Leakage Current
Status, RxOUT (Receivers disabled);
VOUT = 0V to VCC
±0.05
±10
A
VOL
Output Low Voltage
Status, RxOUT; IOUT = 1.5mA
0.4
V
VOH
Output High Voltage
Status, RxOUT; IOUT = -1.5mA
VCC - 0.6
V
LOGIC INPUTS AND OUTPUTS - XR32431
VIL
Input Low Voltage
TxIN, Online, Shutdown ;
1.65V≤ VL ≤ 5.5V & VL ≤ VCC
1/3 * VL
V
VIH
Input High Voltage
2/3 * VL
V
IIL
Input Leakage Current
TxIN, Online, Shutdown ; VIN = 0V to VL
•±0.01
±1.0
A
IOL
Output Leakage Current
Status, RxOUT (Receivers disabled);
VOUT = 0V to VL
±0.05
±10
A
VOL
Output Low Voltage
Status, RxOUT; IOUT = 1.5mA
0.4
V
VOH
Output High Voltage
Status, RxOUT; IOUT = -1.5mA
VL - 0.6
V
DRIVER OUTPUTS
VSWING
Output Voltage Swing
All drivers outputs loaded with 3K to
GND
±5.0
±5.4
V
OR
Output Resistance
VCC = V+ = V- = 0V, VOUT = ±2V
300
IOSC
Output Short-Circuit Current
VOUT = 0V
±35
±60
mA
IOL
Output Leakage Current
VCC = 0V or 3.0V to 5.5V, VOUT = ±12V
±25
A
RECEIVER INPUTS
IVR
Input Voltage Range
-15
+15
V
VIL
Input Low Voltage
VCC = 3.3V
0.6
1.2
V
VCC = 5.0V
0.8
1.5
V


Similar Part No. - XR32431EHCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F/TR EXAR-XR32431EHCR-F/TR Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results

Similar Description - XR32431EHCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32430EBER-F EXAR-XR32430EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EUCRTR-F EXAR-XR32430EUCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EHCRTR-F EXAR-XR32430EHCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32220EBER-L EXAR-XR32220EBER-L Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220EBER-L-TR EXAR-XR32220EBER-L-TR Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220 EXAR-XR32220_17 Datasheet
617Kb / 15P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR32330 EXAR-XR32330 Datasheet
711Kb / 13P
   3-Driver/3-Receiver Intelligent RS-232 Transceiver
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com