Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C225K8RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C225K8RACTU
Description  Ceramic, SMD Comm X7R, 2.2 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C225K8RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C225K8RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 7/19/2017 - 3b9e704c-e1c5-41b6-8fbd-be337fdef7e6
KEMET Part Number: C1206C225K8RACTU
(C1206C225K8RAC7800)
Ceramic, SMD Comm X7R, 2.2 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.6mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Style: SMD Chip
Series: SMD Comm X7R
Chip Size: 1206
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
Specifications
Capacitance: 2.2 uF
Capacitance Tolerance: 10%
Voltage DC: 10 VDC
Dielectric Withstanding
Voltage: 25 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 5% 120Hz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 227 MOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C225K8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C225K8RACAUTO KEMET-C1206C225K8RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206C225K8RACAUTO KEMET-C1206C225K8RACAUTO_17 Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 2.2 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results

Similar Description - C1206C225K8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C565K8RACTU KEMET-C1206C565K8RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 5.6 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C155K8RACTU KEMET-C1206C155K8RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 1.5 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
C1812C225K5RACTU KEMET-C1812C225K5RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 2.2 uF, 10%, 50 V, X7R, SMD, MLCC, Temperature Stable, Class II, 1812
C0805C225K9RACTU KEMET-C0805C225K9RACTU Datasheet
60Kb / 1P
   SMD Comm X7R, Ceramic, 2.2 uF, 10%, 6.3 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C1206C104K8RACTU KEMET-C1206C104K8RACTU Datasheet
61Kb / 1P
   SMD Comm X7R, Ceramic, 0.1 uF, 10%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
C1206C105K8RACTU KEMET-C1206C105K8RACTU Datasheet
61Kb / 1P
   SMD Comm X7R, Ceramic, 1 uF, 10%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
C1206C154K1RACTU KEMET-C1206C154K1RACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm X7R, 0.15 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C565K4RACTU KEMET-C1206C565K4RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 5.6 uF, 10%, 16 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C224K4RACTU KEMET-C1206C224K4RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.22 uF, 10%, 16 V, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
C1206C154K2RACTU KEMET-C1206C154K2RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.15 uF, 10%, 200 V, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com