Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819M5-L-1-8 Datasheet(PDF) 1 Page - Exar Corporation

Part # SPX3819M5-L-1-8
Description  500mA Low-Noise LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX3819M5-L-1-8 Datasheet(HTML) 1 Page - Exar Corporation

  SPX3819M5-L-1-8 Datasheet HTML 1Page - Exar Corporation SPX3819M5-L-1-8 Datasheet HTML 2Page - Exar Corporation SPX3819M5-L-1-8 Datasheet HTML 3Page - Exar Corporation SPX3819M5-L-1-8 Datasheet HTML 4Page - Exar Corporation SPX3819M5-L-1-8 Datasheet HTML 5Page - Exar Corporation SPX3819M5-L-1-8 Datasheet HTML 6Page - Exar Corporation SPX3819M5-L-1-8 Datasheet HTML 7Page - Exar Corporation SPX3819M5-L-1-8 Datasheet HTML 8Page - Exar Corporation SPX3819M5-L-1-8 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
500mA Low-Noise LDO Voltage Regulator
500mA Low-Noise LDO Voltage Regulator
August 2016
Rev. 2.0.3
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SPX3819 is a positive voltage regulator
with a low dropout voltage and low noise
output. In addition, this device offers a very low
ground current of 800μA at 100mA output. The
SPX3819 has an initial tolerance of less than
1% max and a logic compatible ON/OFF
switched
input.
When
disabled,
power
consumption drops to nearly zero. Other key
features include reverse battery protection,
current limit, and thermal shutdown. The
SPX3819 includes a reference bypass pin for
optimal low noise output performance. With its
very low output temperature coefficient, this
device also makes a superior low power voltage
reference.
The SPX3819 is an excellent choice for use in
battery-powered applications such as cordless
telephones, radio control systems, and portable
computers. It is available in several fixed
output voltage options or with an adjustable
output voltage.
This device is offered in 8 pin NSOIC, 8 pin DFN
and 5-pin SOT-23 packages.
APPLICATIONS
Portable Consumer Equipment
Portable Instrumentation
Industrial Equipment
SMPS Post Regulators
FEATURES
Low Noise: 40μV Possible
High Accuracy: 1%
Reverse Battery Protection
Low Dropout: 340mV at Full Load
Low Quiescent Current: 90μA
Zero Off-Mode Current
Fixed & Adjustable Output Voltages:
1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.3V & 5.0V
Fixed Output Voltages
≥1.235V Adjustable Output Voltages
Available in RoHS Compliant, Lead Free
Packages:
5-pin SOT-23, 8-pin SOIC and 8-pin DFN
TYPICAL APPLICATION DIAGRAM
Fig. 1: SPX3819 Application Circuit


Similar Part No. - SPX3819M5-L-1-8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819M5-L-1-8 SIPEX-SPX3819M5-L-1-8 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-1-8 EXAR-SPX3819M5-L-1-8 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX3819M5-L-1-8/TR SIPEX-SPX3819M5-L-1-8/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-1-8/TR EXAR-SPX3819M5-L-1-8/TR Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
More results

Similar Description - SPX3819M5-L-1-8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com