Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIDA40-S07 Datasheet(PDF) 1 Page - Vitec Power

Part # SIDA40-S07
Description  40W Desktop Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA40-S07 Datasheet(HTML) 1 Page - Vitec Power

  SIDA40-S07 Datasheet HTML 1Page - Vitec Power SIDA40-S07 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA40 SERIES
40W Desktop Power Supply for Industrial Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Output Voltage Available From 5VDC Thru 50VDC
Approved as Limited Power Source (LPS), Splash Proof
Class I Insulation
Operating temperature -20~70°C
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
Energy Star, CEC V/IV,and RoHS compliance
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max. Output Power
SIDA40-S02*
5 ~ 6 VDC
4.16 ~ 5.00 A
5%
25W
SIDA40-S03*
6 ~ 8 VDC
5.00 ~ 3.75 A
5%
30W
SIDA40-S04
8 ~ 11 VDC
3.63 ~ 5.00 A
4%
35W
SIDA40-S05
11 ~ 13 VDC
3.07 ~ 3.63 A
3%
40W
SIDA40-S06*
13 ~ 16 VDC
3.07 ~ 2.50 A
3%
40W
SIDA40-S07*
16 ~ 21 VDC
1.90 ~ 2.50 A
3%
40W
SIDA40-S08*
21 ~ 27 VDC
1.48 ~ 1.90 A
2%
40W
SIDA40-S09
27 ~ 33 VDC
1.48 ~ 1.21 A
2%
40W
SIDA40-S10
33 ~ 40 VDC
1.21 ~ 1.00 A
2%
40W
SIDA40-S11
40 ~ 50 VDC
1.00 ~ 0.80 A
2%
40W
Mark " * " means " PSE approval "
The model number of S05~S11 had been approved by CEC level V.
Model. S02~S05 shall use “AWG#16,4FT long “ to meet the requirement of CEC.
Model. S06~S11 shall use “AWG#18,4FT long “ to meet the requirement of CEC.
The regulation will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
40
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.5
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=100VAC
20
25
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
42
50
A
Efficiency
Io=Full Load, Vin=230VAC
78
83
90
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load,Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
0.5
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=240VAC
0.3
0.5
W


Similar Part No. - SIDA40-S07

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA40-S07 Vitec-SIDA40-S07 Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
More results

Similar Description - SIDA40-S07

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
MTDA40A Vitec-MTDA40A Datasheet
417Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA25B Vitec-SIDA25B Datasheet
389Kb / 2P
   25W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com