Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMT2305 Datasheet(PDF) 1 Page - First Components International

Part # FMT2305
Description  Super High Dense Cell Design for Extremely Low RDS(ON)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMT2305 Datasheet(HTML) 1 Page - First Components International

  FMT2305 Datasheet HTML 1Page - First Components International FMT2305 Datasheet HTML 2Page - First Components International FMT2305 Datasheet HTML 3Page - First Components International FMT2305 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPU.34)QBDLBHF*
Description
The FMT2305 provides the designer with the best combination of fast switching, low on-resistance and
cost-effectiveness.
The
FMT2305 is universally preferred for all commercial-industrial surface mount applications and suited for low
voltage applications such as DC/DC converters.
Features
&Super High Dense Cell Design for Extremely Low RDS(ON)
&Reliable and Rugged
Applications
&Power Management in Notebook Computer
&Portable Equipment
&Battery Powered System.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
f 12
V
Continuous Drain Current3
ID @TA=25 :
-4.2
A
Continuous Drain Current3
ID @TA=70 :
-3.4
A
Pulsed Drain Current1,2
IDM
-10
A
Power Dissipation
PD @TA=25 :
1.38
W
Linear Derating Factor
0.01
W/
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient3 Max.
Rthj-a
90
/W
ID
-4.2A
FMT2305 4.2Amps 20 Voltage P Channel Enchance MOSFET


Similar Part No. - FMT2305

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMT2301S FCI-FMT2301S Datasheet
407Kb / 4P
   2.6Amps 20 Voltage P - Channel POWER MOSFET
FMT2306 FCI-FMT2306 Datasheet
383Kb / 4P
   5.3Amps 20 Voltage N Channel Enchance MOSFET
FMT2308 FCI-FMT2308 Datasheet
323Kb / 4P
   3Amps 60 Voltage N - Channel POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com