Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6641BEK-5.0/TR Datasheet(PDF) 8 Page - Exar Corporation

Part # SP6641BEK-5.0/TR
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6641BEK-5.0/TR Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP6641BEK-5.0/TR Datasheet HTML 4Page - Exar Corporation SP6641BEK-5.0/TR Datasheet HTML 5Page - Exar Corporation SP6641BEK-5.0/TR Datasheet HTML 6Page - Exar Corporation SP6641BEK-5.0/TR Datasheet HTML 7Page - Exar Corporation SP6641BEK-5.0/TR Datasheet HTML 8Page - Exar Corporation SP6641BEK-5.0/TR Datasheet HTML 9Page - Exar Corporation SP6641BEK-5.0/TR Datasheet HTML 10Page - Exar Corporation SP6641BEK-5.0/TR Datasheet HTML 11Page - Exar Corporation SP6641BEK-5.0/TR Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Rev. 5/26/05,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
APPLICATION INFORMATION
Circuit Layout
Printed circuit board layout is a critical part of a
power supply design. Poor designs can result in
excessive EMI on the voltage gradients and
feedback paths on the ground planes with appli-
cations involving high switching frequencies
and large peak currents. Excessive EMI can
result in instability or regulation errors. All
power components should be placed on the PC
board as closely as possible with the traces kept
short, direct, and wide (>50mils or 1.25mm).
Extra copper on the PC board should be inte-
grated into ground as a pseudo-ground plane.
On a multilayer PC board, route the star ground
using component-side copper fill, then connect
it to the internal ground plane using vias. For the
SP6641A/6641B devices, input and output fil-
ter capacitors should be soldered with their
ground pins as close together as possible in a
star-ground configuration. The VOUT pin must
be bypassed directly to ground as close to the
SP6641A/6641B devices as possible (within
0.2in or 5mm). The DC-DC converter and any
digital circuitry should be placed on the oppo-
site corner of the PC board as far away from
sensitive RF and analog input stages. Noisy
traces, such as from the LX pin, should be kept
away from the voltage-feedback VOUT node
and separated from it using grounded copper to
minimize EMI. See the SP6641A/6641B Evalu-
ation Board Manual for PC Board Layout de-
sign details.
Component Selection
Selection of capacitors, inductors and schottky
diodes for SP6641A and SP6641B power sup-
ply circuits can be made through the use of
Table 1 component selection. Capacitor equiva-
lent series resistance is a major contributor to
output ripple, usually greater than 60%. Low
ESR capacitors are recommended. Ceramic ca-
pacitors have the lowest ESR. Low-ESR tanta-
lum capacitors may be a more acceptable solu-
tion having both a low ESR and lower cost than
large ceramic capacitors. Designers should se-
lect input and output capacitors with a rating
exceeding the peak inductor current. Do not
allow tantalum capacitors to exceed their ripple-
current ratings. For example, in the SP6641A a
22
µF, 6V, low-ESR, surface-mount tantalum
output filter capacitor typically provides 60mV
output ripple when stepping up from 1.3V to
3.3V at 20mA. An input filter capacitor can
reduce peak currents drawn from the battery and
improve efficiency. Low-ESR aluminum elec-
trolytic capacitors are acceptable in some appli-
cations but standard aluminum electrolytic ca-
pacitors are not recommended.
In selecting an inductor, the saturation current
specified for the inductor needs to be greater
then the SP6641A/B peak current to avoid satu-
rating the inductor, which would result in a loss
in efficiency and could damage the inductor.
The SP6641A evaluation board uses a Sumida
CDRH5D28 22
µH inductor with an Isat value
of 0.9A and a DCR of 0.095
Ω, which easily
handles the Ipeak of 0.33A of the SP6641A and
will deliver high efficiencies. The SP6641B
evaluation board uses a Sumida CDRH5D28
10
µH inductor with an Isat value of 1.3A and a
DCR of 0.065
Ω, which easily handles the Ipeak
of 1.0A of the SP6641B and will deliver high
efficiencies. Other inductors could be selected
provided their Isat is greater than the Ipeak of
the SP6641A/SP6641B.
Output Filter or LDO Regulator
Designers could add LC pi filters, linear post-
regulators, or shielding in applications necessary
to address excessive noise, voltage ripple, or EMI
concerns.TheLCpifilter’scutofffrequencyshould
be at least a decade or two below the DC-DC
converters’ switching frequency for the specified
loadandinputvoltage.TheSP6201,asmallSOT23-
5pin 200mA Low Drop Out linear regulator can be
used at the SP6641A/6641B output to reduce
output noise and ripple. The schematic in figure 15
illustrates this circuit on the SP6641A Evaluation
Board with the SP6641 3.3V output followed by
the Sipex SP6201 3.0V output Low Drop Out
linear regulator.


Similar Part No. - SP6641BEK-5.0/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641BEK-5.0/TR SIPEX-SP6641BEK-5.0/TR Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641BEK-5.0/TR SIPEX-SP6641BEK-5.0/TR Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-5.0/TR EXAR-SP6641BEK-5.0/TR Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results

Similar Description - SP6641BEK-5.0/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641A EXAR-SP6641A Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Global Mixed-mode Techn...
G5104 GMT-G5104 Datasheet
336Kb / 7P
   300mA Alkaline Boost DC/DC Converters in SOT-23-5
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com