Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FML20N50 Datasheet(PDF) 3 Page - First Components International

Part # FML20N50
Description  20Amps 500 Voltage N Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FML20N50 Datasheet(HTML) 3 Page - First Components International

  FML20N50 Datasheet HTML 1Page - First Components International FML20N50 Datasheet HTML 2Page - First Components International FML20N50 Datasheet HTML 3Page - First Components International FML20N50 Datasheet HTML 4Page - First Components International FML20N50 Datasheet HTML 5Page - First Components International FML20N50 Datasheet HTML 6Page - First Components International FML20N50 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0
10
20304050
607080
90
100
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 20 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
7000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.20.40.60.81.01.21.41.6
10
-1
10
0
10
1
25℃
150℃
Notes :
1. V
GS = 0V
2. 250µ s Pulse Test
V
SD , Source-Drain Voltage [V]
0
102030
40
5060
70
80
0.0
0.2
0.4
0.6
0.8
1.0
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top:
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom: 5.5V
Notes :
1. 250µs Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
02
46
8
10
10
-1
10
0
10
1
Notes :
1. V
DS = 50V
2. 250µ s Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
FML20N50 20Amps 500 Voltage N Channel MOSFET


Similar Part No. - FML20N50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FML20N50ES FUJI-FML20N50ES Datasheet
459Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - FML20N50

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FML20N60 FCI-FML20N60 Datasheet
787Kb / 7P
   20Amps 600 Voltage N Channel MOSFET
FM840 FCI-FM840 Datasheet
142Kb / 5P
   8Amps 500 Voltage N Channel MOSFET
FM13N50 FCI-FM13N50 Datasheet
128Kb / 2P
   13Amps 500 Voltage N Channel POWER MOSFET
FMF13N50 FCI-FMF13N50 Datasheet
469Kb / 7P
   13Amps 500 Voltage N - Channel POWER MOSFET
logo
First Silicon Co., Ltd
FTK20NS65P FS-FTK20NS65P Datasheet
889Kb / 7P
   20Amps, 650Volts N-Channel Super Juction MOS-FET
FTK20NS65PD FS-FTK20NS65PD Datasheet
889Kb / 7P
   20Amps, 650Volts N-Channel Super Juction MOS-FET
logo
ON Semiconductor
NDF08N50ZH ONSEMI-NDF08N50ZH Datasheet
123Kb / 6P
   N-Channel Power MOSFET 500 V, 0.85
January, 2015 ??Rev. 6
logo
Analog Power
AM9N50P ANALOGPOWER-AM9N50P Datasheet
330Kb / 5P
   N-Channel 500-V (D-S) MOSFET
logo
ON Semiconductor
NDP04N50Z ONSEMI-NDP04N50Z Datasheet
127Kb / 9P
   N-Channel Power MOSFET 500 V, 2.7 
July, 2010 - Rev. 0
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com