Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3238ECA-L/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3238ECA-L/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3238ECA-L/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP3238ECA-L/TR Datasheet HTML 1Page - Exar Corporation SP3238ECA-L/TR Datasheet HTML 2Page - Exar Corporation SP3238ECA-L/TR Datasheet HTML 3Page - Exar Corporation SP3238ECA-L/TR Datasheet HTML 4Page - Exar Corporation SP3238ECA-L/TR Datasheet HTML 5Page - Exar Corporation SP3238ECA-L/TR Datasheet HTML 6Page - Exar Corporation SP3238ECA-L/TR Datasheet HTML 7Page - Exar Corporation SP3238ECA-L/TR Datasheet HTML 8Page - Exar Corporation SP3238ECA-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3238E_100_020111
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE 1).......................................-0.3V to +7.0V
V- (NOTE 1)........................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...........................................+13V
I
CC (DC VCC or GND current).........................+100mA
Input Voltages
TxIN, ONLINE, SHUTDOWN, ....-0.3V to Vcc + 0.3V
RxIN...................................................................+25V
Output Voltages
TxOUT.............................................................+13.2V
RxOUT, STATUS.......................-0.3V to (V
CC +0.3V)
Short-Circuit Duration
TxOUT....................................................Continuous
Storage Temperature......................-65°C to +150°C
V
CC = +3.0V to +5.5V, C1 - C4 = 0.1µF (tested at 3.3V +/-5%), C1 - C4 = 0.22µF (tested at 3.3V +/-10%),
C1 = 0.047µF and C2 - C4 = 0.33µF (tested at 5.0V +/-10%), T
AMB = TMIN to TMAX, unless otherwise noted. Typical
values are at T
A = 25
o
C
Power Dissipation per package
28-pin SSOP (derate 11.2mW/oC above +70oC)..........900mW
28-pin TSSOP (derate 13.2mW/oC above +70oC)......1100mW
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX. UNITS CONDITIONS
DC CHARACTERISTICS
Supply Current, AUTO ON-
LINE®
1.0
10
µA
All RxIN open, ONLINE = GND,
SHUTDOWN = V
CC, TxIN = GND or
V
CC
Supply Current, Shutdown
1.0
10
µA
SHUTDOWN = GND, TxIN = Vcc or
GND
Supply Current
AUTO ON-LINE® Disabled
0.3
1.0
mA
ONLINE = SHUTDOWN = Vcc,
no load, TxIN = GND or V
CC
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold
LOW
HIGH
2.4
0.8
V
V
V
CC = +3.3V or +5.0V, TxIN
ONLINE, SHUTDOWN
Input Leakage Current
+0.01
+1.0
µA
TxIN, ONLINE, SHUTDOWN,
T
AMB = +25
o
C
Output Leakage Current
+0.05
+10
µA
Receivers disabled
Output Voltage LOW
0.4
V
I
OUT = 1.6mA
Output Voltage HIGH
V
CC -0.6
V
CC -0.1
V
I
OUT = -1.0mA
DRIVER OUTPUTS
Output Voltage Swing
+5.0
+5.4
V
All driver outputs loaded with 3KΩ to
GND


Similar Part No. - SP3238ECA-L/TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3238ECA-L/TR EXAR-SP3238ECA-L/TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L/TR EXAR-SP3238ECA-L/TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
More results

Similar Description - SP3238ECA-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3249EEY-L EXAR-SP3249EEY-L Datasheet
719Kb / 16P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com