Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMD35N02 Datasheet(PDF) 2 Page - First Components International

Part # FMD35N02
Description  25V N-Channel Enhancement-Mode MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMD35N02 Datasheet(HTML) 2 Page - First Components International

  FMD35N02 Datasheet HTML 1Page - First Components International FMD35N02 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250uA
25
-
-
V
Drain-Source On-State Resistance
RDS(on)
VGS = 4.5V, ID = 30A
10.0
13
Drain-Source On-State Resistance
RDS(on)
VGS = 10V, ID = 30A
6.5
8.5
Gate Threshold Voltage
VGS(th)
VDS =VGS, ID = 250uA
1
1.6
3
V
Zero Gate Voltage Drain Current
IDSS
VDS = 24V, VGS = 0V
1
uA
Gate Body Leakage
IGSS
VGS = +20V, VDS = 0V
+ 100
nA
Gate Resistance
Rg
Forward Transconductance
gfs
VDS = 10V, ID = 35A
S
Dynamic
Total Gate Charge
Qg
24
Gate-Source Charge
Qgs
5.4
Gate-Drain Charge
Qgd
4.0
Turn-On Delay Time
td(on)
15.0
Turn-On Rise Time
tr
3.2
Turn-Off Delay Time
td(off)
36
Turn-Off Fall Time
tf
4.8
Input Capacitance
Ciss
1940
Output Capacitance
Coss
312
Reverse Transfer Capacitance
Crss
122
Source-Drain Diode
Max. Diode Forward Current
IS
50
A
Diode Forward Voltage
VSD
IS = 20A, VGS = 0V
0.87
1.5
V
Note: Pulse test: pulse width <= 300us, duty cycle<= 2%
nC
VDS = 15V, VGS = 0V
f = 1.0 MHz
pF
m
VDS = 15V, ID = 35A
VGS = 10V
VDD = 15V, RL = 15Ω
Ι
D = 1Α, VGEN = 10V
RG = 24Ω
ns
FMD35N02 25V N-Channel Enhancement-Mode


Similar Part No. - FMD35N02

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FMD3S RECTRON-FMD3S Datasheet
263Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere)
More results

Similar Description - FMD35N02

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
   25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Pan Jit International I...
PJD09N03 PANJIT-PJD09N03 Datasheet
142Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
logo
First Components Intern...
FMD50N02 FCI-FMD50N02 Datasheet
363Kb / 2P
   25V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJ06N03D PANJIT-PJ06N03D Datasheet
145Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6676 PANJIT-PJ6676 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU_15 Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com