Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317-TI Datasheet(PDF) 4 Page - Texas Instruments

Part # LM317-TI
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317-TI Datasheet(HTML) 4 Page - Texas Instruments

  LM317-TI Datasheet HTML 1Page - Texas Instruments LM317-TI Datasheet HTML 2Page - Texas Instruments LM317-TI Datasheet HTML 3Page - Texas Instruments LM317-TI Datasheet HTML 4Page - Texas Instruments LM317-TI Datasheet HTML 5Page - Texas Instruments LM317-TI Datasheet HTML 6Page - Texas Instruments LM317-TI Datasheet HTML 7Page - Texas Instruments LM317-TI Datasheet HTML 8Page - Texas Instruments LM317-TI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044H – SEPTEMBER 1997 – REVISED DECEMBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
R1
240
IAdj
R2
Cin (Note A)
0.1
µF
CO (Note B)
1.0
µF
VI
VO
NOTES: A. Cin is not required if the regulator is close enough to the power-supply filter.
B. CO improves transient response, but is not needed for stability.
Since IAdj is typically 50 µA, it is negligible in most applications.
Vref = 1.25 V
V
out + Vref 1 )
R2
R1
) (I
Adj
R2)
Vout is calculated as:
INPUT
OUTPUT
ADJUST
LM317
Figure 1. Adjustable Voltage Regulator
C1
0.1
µF
R1
120
R2
3 k
INPUT
OUTPUT
ADJUST
LM317
VO
+35 V
R3
680
–10 V
Since IAdj is typically 50 µA, it is negligible in most applications.
V
out + Vref 1 )
R2
) R3
R1
) I
Adj(R2 ) R3) – 10 V
Vout is calculated as:
Figure 2. 0-V to 30-V Regulator Circuit


Similar Part No. - LM317-TI

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317-T30-Y UTC-LM317-T30-Y Datasheet
235Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317-TA3-T UTC-LM317-TA3-T Datasheet
235Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317-TF3-T UTC-LM317-TF3-T Datasheet
235Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317-TN3-R UTC-LM317-TN3-R Datasheet
235Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317-TN3-T UTC-LM317-TN3-T Datasheet
235Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - LM317-TI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com