Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3220ECA-L Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3220ECA-L
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220ECA-L Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3220ECA-L Datasheet HTML 7Page - Exar Corporation SP3220ECA-L Datasheet HTML 8Page - Exar Corporation SP3220ECA-L Datasheet HTML 9Page - Exar Corporation SP3220ECA-L Datasheet HTML 10Page - Exar Corporation SP3220ECA-L Datasheet HTML 11Page - Exar Corporation SP3220ECA-L Datasheet HTML 12Page - Exar Corporation SP3220ECA-L Datasheet HTML 13Page - Exar Corporation SP3220ECA-L Datasheet HTML 14Page - Exar Corporation SP3220ECA-L Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
11
Charge Pump
The charge pump is an Exar-patended
design (U.S. 5,306,954) and uses a unique
approach compared to older less-efficient
designs. The charge pump still requires four
external capacitors, but uses a four-phase
voltage shifting technique to attain sym-
metrical 5.5V power supplies. The internal
power supply consists of a regulated dual
charge pump that provides output voltages
of +/-5.5V regardless of the input voltage
(Vcc) over the +3.0V to +5.5V range.
In most circumstances, decoupling the
power supply can be achieved adequately
using a 0.1µF bypass capacitor at C5 (refer
to figures 6 and 7). In applications that are
sensitive to power-supply noise, decouple
Vcc to ground with a capacitor of the same
value as charge-pump capacitor C1. Physi-
cally connect bypass capacitor as close to
the IC as possible.
The charge pump operates in a discontinu-
ous mode using an internal oscillator. If the
output voltages are less than a magnitude
of 5.5V, the charge pump is enabled. If the
outputvoltages exceedamagnitudeof5.5V,
the charge pump is disabled. This oscillator
controls the four phases of the voltage shift-
ing. A description of each phase follows.
Phase 1
— V
SS charge storage — During this phase
of the clock cycle, the positive side of capaci-
tors C
1 and C2 are initially charged to VCC.
C
l
+
is then switched to GND and the charge
in C
1
is transferred to C
2
. Since C
2
+
is con-
nected to V
CC, the voltage potential across
capacitor C
2 is now 2 times VCC.
Phase 2
— V
SS transfer — Phase two of the clock
connectsthenegativeterminalofC
2 to the VSS
storagecapacitorandthepositiveterminalof
C
2 to GND. This transfers a negative gener-
ated voltage to C
3. This generated voltage is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the volt-
age to C
3, the positive side of capacitor C1
is switched to V
CC and the negative side is
connected to GND.
Phase 3
— V
DD charge storage — The third phase of
the clock is identical to the first phase — the
charge transferred in C
1 produces –VCC in
the negative terminal of C
1, which is applied
to the negative side of capacitor C
2. Since
C
2
+
is at V
CC, the voltage potential across C2
is 2 times V
CC.
Phase 4
— V
DD transfer — The fourth phase of
the clock connects the negative terminal
of C
2 to GND, and transfers this positive
generated voltage across C
2 to C4, the
V
DD storage capacitor.
This voltage is
regulated to +5.5V. At this voltage, the in-
ternal oscillator is disabled. Simultaneous
with the transfer of the voltage to C
4, the
positive side of capacitor C
1 is switched
to V
CC and
the
negative side is con-
nected to GND, allowing the charge
pump cycle to begin again. The charge
pump cycle will continue as long as the
operational conditions for the internal
oscillator are present.
Since both V+ and Vare separately gener-
ated from V
CC, in a no–load condition V
+
and Vwill be symmetrical. Older charge
pump approaches that generate Vfrom
V+ will show a decrease in the magnitude
of Vcompared to V+ due to the inherent
inefficiencies in the design.
DESCRIPTION


Similar Part No. - SP3220ECA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3220ECA-L EXAR-SP3220ECA-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220ECA-L/TR MAXLINEAR-SP3220ECA-L/TR Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
logo
Exar Corporation
SP3220ECA-LTR EXAR-SP3220ECA-LTR Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
More results

Similar Description - SP3220ECA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEY-L EXAR-SP3220EBEY-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220E MAXLINEAR-SP3220E Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com