Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3220EUEY-L-TR Datasheet(PDF) 8 Page - Exar Corporation

Part No. SP3220EUEY-L-TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220EUEY-L-TR Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP3220EUEY-L-TR Datasheet HTML 4Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 5Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 6Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 7Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 8Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 9Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 10Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 11Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
Figure 11. SP3220E/EB/EU Typical Operating Circuit
SP3220
2
4
6
5
3
7
15
GND
T1IN
T1OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
11
0.1µF
0.1
0.1
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1
0.1
13
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
14
5kΩ
R1IN
R1OUT
9
8
LOGIC
OUTPUTS
*can be returned to
either VCC or GND
EN
1
SHDN 16
µF
µF
µF
µF
E/EB/EU
TYPICAL OPERATING CIRCUITS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn