Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3220EUEY-L-TR Datasheet(PDF) 6 Page - Exar Corporation

Part No. SP3220EUEY-L-TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220EUEY-L-TR Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP3220EUEY-L-TR Datasheet HTML 2Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 3Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 4Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 5Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 6Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 7Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 8Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 9Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
Table 1. Device Pin Description
NAME
FUNCTION
PIN NUMBER
EN
Receiver Enable. Apply Logic LOW for normal operation.
Apply logic HIGH to disable the receiver outputs (high-Z state)
1
C1+
Positive terminal of the voltage doubler charge-pump capacitor
2
V+
+5.5V output generated by the charge pump
3
C1-
Negative terminal of the voltage doubler charge-pump capacitor
4
C2+
Positive terminal of the inverting charge-pump capacitor
5
C2-
Negative terminal of the inverting charge-pump capacitor
6
V-
-5.5V output generated by the charge pump
7
R
1IN
RS-232 receiver input
8
R
1OUT
TTL/CMOS receiver output
9
T
1IN
TTL/CMOS driver input
11
T
1OUT
RS-232 driver output.
13
GND
Ground
14
V
CC
+3.0V to +5.5V supply voltage
15
SHDN
Shutdown Control Input. Drive HIGH for normal device operation.
Drive LOW to shutdown the drivers (high-Z output) and the on-
board power supply
16
N.C.
No Connect
10, 12
PIN FUNCTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn