Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3220EUEY-L-TR Datasheet(PDF) 5 Page - Exar Corporation

Part No. SP3220EUEY-L-TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

SP3220EUEY-L-TR Datasheet(HTML) 5 Page - Exar Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
5
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
0
250
500
1000
1500
2000
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
2Mbps
1.5Mbps
1Mbps
2Mbps
1.5Mbps
1Mbps
2.5
2.7
3
3.5
4
4.5
5
Supply V oltage (V)
6
4
2
0
-2
-4
-6
TxOUT+
TxOUT-
16
14
12
10
8
6
4
2
0
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
T1 Loaded with 3K // 1000pf @1Mbps
Figure 7. Transmitter Output Voltage vs Load
Capacitance for the SP3220EU.
Figure 8. Transmitter Output Voltage vs Supply
Voltage for the SP3220EU.
Figure 9. Supply Current vs Supply Voltage for the
SP3220EU.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn