Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3220EUEY-L-TR Datasheet(PDF) 18 Page - Exar Corporation

Part No. SP3220EUEY-L-TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

SP3220EUEY-L-TR Datasheet(HTML) 18 Page - Exar Corporation

 
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
ORDERING INFORMATION(1)
Part Number
Operating
Temperature Range Lead-Free
Package
Package Method
SP3220EBCA-L/TR
0°C to 70°C
Yes(2)
SSOP
Tape and Reel
SP3220EBCY-L/TR
0°C to 70°C
TSSOP
Tape and Reel
SP3220EBCY-L
0°C to 70°C
TSSOP
Rail
SP3220EBEA-L/TR
-40°C to 85°C
SSOP
Tape and Reel
SP3220EBEA-L
-40°C to 85°C
SSOP
Rail
SP3220EBEY-L/TR
-40°C to 85°C
TSSOP
Tape and Reel
SP3220EBEY-L
-40°C to 85°C
TSSOP
Rail
SP3220ECA-L/TR
0°C to 70°C
SSOP
Tape and Reel
SP3220ECA-L
0°C to 70°C
SSOP
Rail
SP3220ECY-L/TR
0°C to 70°C
TSSOP
Tape and Reel
SP3220ECY-L
0°C to 70°C
TSSOP
Rail
SP3220EEA-L/TR
-40°C to 85°C
SSOP
Tape and Reel
SP3220EEA-L
-40°C to 85°C
SSOP
Rail
SP3220EEY-L/TR
-40°C to 85°C
TSSOP
Tape and Reel
SP3220EEY-L
-40°C to 85°C
TSSOP
Rail
SP3220EUEY-L/TR
-40°C to 85°C
TSSOP
Tape and Reel
NOTES:
1. Refer to www.exar.com/SP3220E, www.exar.com/SP3220EB, www.exar.com/SP3220EU for the most up-to-date Ordering Information.
2. Visit www.exar.com for additional information on Environmental Rating.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn