Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3220EUEY-L-TR Datasheet(PDF) 16 Page - Exar Corporation

Part No. SP3220EUEY-L-TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

SP3220EUEY-L-TR Datasheet(HTML) 16 Page - Exar Corporation

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
PACKAGE: 16 PIN SSOP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn