Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3220EUEY-L-TR Datasheet(PDF) 13 Page - Exar Corporation

Part No. SP3220EUEY-L-TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220EUEY-L-TR Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP3220EUEY-L-TR Datasheet HTML 9Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 10Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 11Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 12Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 13Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 14Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 15Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 16Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
13
Figure 16. Charge Pump — Phase 2
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
-5.5V
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Figure 15. Charge Pump — Phase 1
Figure 18. Charge Pump — Phase 3
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Figure 19. Charge Pump — Phase 4
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
+5.5V
Figure 17. Charge Pump Waveforms
Ch1 2.00V Ch2 2.00V M 1.00µs Ch1 5.48V
2
1
T
T
[]
T
+6V
a) C2+
b) C2-
GND
GND
-6V
DESCRIPTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn