Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3220EUEY-L-TR Datasheet(PDF) 12 Page - Exar Corporation

Part No. SP3220EUEY-L-TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220EUEY-L-TR Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP3220EUEY-L-TR Datasheet HTML 8Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 9Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 10Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 11Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 12Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 13Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 14Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 15Page - Exar Corporation SP3220EUEY-L-TR Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
DESCRIPTION
Charge Pump Design Guidelines
The charge pump operates with 0.1µF ca-
pacitors for 3.3V operation. For other supply
voltages, see the table for required capacitor
values.Donotusevaluessmallerthanthose
listed. Increasing the capacitor values (e.g.,
by doubling in value) reduces ripple on the
transmitter outputs and may slightly reduce
power consumption. C2, C3, and C4 may be
increased without changing C1’s value.
Minimum recommended charge pump
capacitor value
Input Voltage
Vcc
Charge pump
capacitor value for
SP3220E/EB/EU
3.0V to 3.6V
C1 - C4 = 0.1µF
3.0V to 5.5V
C1 - C4 = 0.22µF
Thechargepumposcillatortypicallyoperates
at greater than 250kHz allowing the pump to
run efficiently with small 0.1μF capacitors.
Efficientoperationdependsonrapidlycharg-
ing and discharging C1 and C2, therefore
capacitors should be mounted close to the
IC and have low ESR (equivalent series
resistance).
Low cost surface mount ceramic capacitors
(such as are widely used for power-supply
decoupling) are ideal for use on the charge
pump. However the charge pumps are de-
signed to be able to function properly with a
wide range of capacitor styles and values.
If polarized capacitors are used the positive
and negative terminals should be connected
as shown in the Typical Operating Circuit.
Voltage potential across any of the capaci-
tors will never exceed 2 x VCC. Therefore
capacitors with working voltages as low as
6.3V rating may be used with a 3.0V VCC
supply. The reference terminal of the V+
capacitor may be connected either to VCC
or ground, but if connected to ground a
minimum 10V working voltage is required.
Higher working voltages and/or capacitance
values may be advised if operating at higher
VCC or to provide greater stability as the
capacitors age.
Underlightlyloadedconditionstheintelligent
pump oscillator maximizes efficiency by
running only as needed to maintain V+ and
V-. Since interface transceivers often spend
much of their time at idle this power-efficient
innovation can greatly reduce total power
consumption. This improvement is made
possiblebytheindependentphasesequence
of the Exar charge-pump design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn