Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3220EUEY-L-TR Datasheet(PDF) 10 Page - Exar Corporation

Part No. SP3220EUEY-L-TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

SP3220EUEY-L-TR Datasheet(HTML) 10 Page - Exar Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
(tri-stated) and the charge pump is turned
off with V+ pulled down to Vcc and V- pulled
to GND. The time required to exit shutdown
is typically 100ms. Connect SHDN to Vcc if
the shutdown mode is not used. SHDN has
no effect on RxOUT. Note that the driver is
enabled only when the magnitude of V- ex-
ceeds approximately 3V.
Receiver
The receiver converts EIA/TIA-232 levels
to TTL or CMOS logic output levels. The
receiver has an inverting high-impedance
output. This receiver output (RxOUT) is at
high-impedance when the enable control
EN = HIGH. In the shutdown mode, the
receiver can be active or inactive. EN has
no effect on TxOUT. The truth table logic
of the
SP3220E/EB/EU driver and receiver
outputs can be found in Table 2.
Table 2. SP3220E/EB/EU Truth Table Logic for
Shutdown and Enable Control
Figure 12. SP3220E/EB/EU Driver Loopback Test
Circuit
Since receiver input is usually from a trans-
mission line where long cable lengths and
system interference can degrade the signal,
the inputs have a typical hysteresis margin
of 300mV. This ensures that the receiver is
virtuallyimmunetonoisytransmissionlines.
Should an input be left unconnected, an
internal 5KΩ pull-down resistor to ground
will commit the output of the receiver to a
HIGH state.
Figure 14. SP3220EU Loopback Test results at
1Mbps
Figure 13. SP3220EB Loopback Test results at
250kbps
SP3220
E/EB/EU
GND
TxIN
TxOUT
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1
0.1
+
C2
C5
C1
+
+
C3
C4
+
+
0.1
0.1
LOGIC
INPUTS
VCC
5kΩ
RxIN
RxOUT
LOGIC
OUTPUTS
EN
*SHDN
(SP3220EU 250pF)
(SP3220E/EB 1000pF)
VCC
µF
µF
µF
µF
SHDN
EN
TxOUT
RxOUT
0
0
Tri-state
Active
0
1
Tri-state
Tri-state
1
0
Active
Active
1
1
Active
Tri-state
DESCRIPTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn