Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3220ECY-L Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3220ECY-L
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220ECY-L Datasheet(HTML) 4 Page - Exar Corporation

  SP3220ECY-L Datasheet HTML 1Page - Exar Corporation SP3220ECY-L Datasheet HTML 2Page - Exar Corporation SP3220ECY-L Datasheet HTML 3Page - Exar Corporation SP3220ECY-L Datasheet HTML 4Page - Exar Corporation SP3220ECY-L Datasheet HTML 5Page - Exar Corporation SP3220ECY-L Datasheet HTML 6Page - Exar Corporation SP3220ECY-L Datasheet HTML 7Page - Exar Corporation SP3220ECY-L Datasheet HTML 8Page - Exar Corporation SP3220ECY-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_102_102016
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
Figure 2. Transmitter Output Voltage vs Load
Capacitance for the SP3220EB.
Figure 1. Icc vs Load Capacitance for the
SP3220EB.
30
25
20
15
10
5
0
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
125Kbps
20Kbps
60Kbps
T1 at Full Data Rate
T2 at 1/16 Full Data Rate
T1+T2 Loaded with 3k/CLoad
Figure 3. Transmitter Output Voltage vs Supply
Voltage for the SP3220EB.
TYPICAL PERFORMANCE CHARACTERISTICS
6
4
2
0
-2
-4
-6
0
1000
2000
3000
4000
5000
TxOUT+
TxOUT-
Load Capacitance (pF)
T1 at 250Kbps
2.7
3
3.5
4
4.5
5
Supply V oltage (V)
6
4
2
0
-2
-4
-6
TxOUT+
TxOUT-
Figure 4. Supply Current vs Supply Voltage for the
SP3220EB.
12
10
8
6
4
2
0
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
T1 Loaded with 3K // 1000pf @ 250Kbps
Figure 5. Slew Rate vs Load Capacitance for the
SP3220EB.
Figure 6. Supply Current vs Supply Voltage for the
SP3220EU.
25
20
15
10
5
0 0
500 1000
2000 3000 4000 5000
Load Capacitance (pF)
- Slew
+ Slew
40
30
20
10
0
0
250
500
1000 2000 3000 4000
Load Capacitance (pF)
500Kbps
1Mbps
2Mbps


Similar Part No. - SP3220ECY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3220ECY-L EXAR-SP3220ECY-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220ECY-L MAXLINEAR-SP3220ECY-L Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
SP3220ECY-L/TR MAXLINEAR-SP3220ECY-L/TR Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
logo
Exar Corporation
SP3220ECY-LTR EXAR-SP3220ECY-LTR Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
More results

Similar Description - SP3220ECY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEY-L EXAR-SP3220EBEY-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220E MAXLINEAR-SP3220E Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com