Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP211EEA-L-TR Datasheet(PDF) 10 Page - Exar Corporation

Part # SP211EEA-L-TR
Description  5V RS-232 Serial Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP211EEA-L-TR Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP211EEA-L-TR Datasheet HTML 6Page - Exar Corporation SP211EEA-L-TR Datasheet HTML 7Page - Exar Corporation SP211EEA-L-TR Datasheet HTML 8Page - Exar Corporation SP211EEA-L-TR Datasheet HTML 9Page - Exar Corporation SP211EEA-L-TR Datasheet HTML 10Page - Exar Corporation SP211EEA-L-TR Datasheet HTML 11Page - Exar Corporation SP211EEA-L-TR Datasheet HTML 12Page - Exar Corporation SP211EEA-L-TR Datasheet HTML 13Page - Exar Corporation SP211EEA-L-TR Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP206, 207, 208, 2_0_060
0


Similar Part No. - SP211EEA-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211EEA SIPEX-SP211EEA Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
SP211EEA SIPEX-SP211EEA Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
More results

Similar Description - SP211EEA-L-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP206 EXAR-SP206 Datasheet
1Mb / 14P
   5V RS-232 Serial Transceivers
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com