Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLA180-S08 Datasheet(PDF) 1 Page - Vitec Power

Part # STLA180-S08
Description  180W L-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STLA180-S08 Datasheet(HTML) 1 Page - Vitec Power

  STLA180-S08 Datasheet HTML 1Page - Vitec Power STLA180-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STLA180 SERIES
180W L-Bracket Power Supply for I.T. Equipment
Wide Input Voltage100 to 240 VAC, 47 to 63Hz
Output Voltage Available From 12,24,48VDC
Internal EMI filter
Active Power Factor Correction
Single Output
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3081and Molex 2478 series crimp terminal
Size: 3.21"x5"x1.54"
Input Surge Current, Over Voltage and Over Load Protection
Synchronous Rectification
Class I
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Maximum Output Power
STLA180-S05 *
12 VDC
14.58 A
5%
175W
STLA180-S08
24 VDC
7.50 A
3%
180W
STLA180-S11
48 VDC
3.75 A
2%
180W
*12V models are required to use DINKLE#DT-2N-B01W-04.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
100
240
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io = Full load, Vin = 90-260VAC
0.95
0.97
1.0
Output Power Range
Vin=100 to 240VAC
0
180
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
2.3
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.9
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
48
54
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
100
108
A
Efficiency
Io=Full Load, Vin=230VAC
85
88
90
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - STLA180-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STLA180-S08 Vitec-STLA180-S08 Datasheet
414Kb / 2P
   180W L-Bracket Power Supply for I.T. Equipment
More results

Similar Description - STLA180-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STLA180-SERIES Vitec-STLA180-SERIES Datasheet
414Kb / 2P
   180W L-Bracket Power Supply for I.T. Equipment
STUA180-SERIES Vitec-STUA180-SERIES Datasheet
413Kb / 2P
   180W U-Bracket Power Supply for I.T. Equipment
STUA180 Vitec-STUA180 Datasheet
413Kb / 2P
   180W U-Bracket Power Supply for I.T. Equipment
SILA180-SERIES Vitec-SILA180-SERIES Datasheet
401Kb / 2P
   180W L-Bracket Power Supply for Industrial Equipment
SILA180 Vitec-SILA180 Datasheet
401Kb / 2P
   180W L-Bracket Power Supply for Industrial Equipment
ITDA180I-SERIES Vitec-ITDA180I-SERIES Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
ITDA180T Vitec-ITDA180T Datasheet
304Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
SIUA180 Vitec-SIUA180 Datasheet
413Kb / 2P
   180W U-Bracket Power Supply for Industrial Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com