Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIFA120-S11 Datasheet(PDF) 2 Page - Vitec Power

Part # SIFA120-S11
Description  120W Open Frame Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIFA120-S11 Datasheet(HTML) 2 Page - Vitec Power

  SIFA120-S11 Datasheet HTML 1Page - Vitec Power SIFA120-S11 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=90~260VAC
0.95
0.97
1.0
Output Power Range
Vin=90 to 264 VAC
0
120
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.7
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C,Cool start, Vin=115VAC
16
20
A
High Line Inrush Current
Io=Full load, 25°C,Cool start, Vin=230VAC
46
51
A
Efficiency
Io=Full load, Vin=230VAC
70
80
88
%
Line Regulation
Io=Full load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full load to Half Load, Vin=S00VAC
4
mS
Hold-Up Time
Io=Full load, Vin=1S0VAC
16
mS
Start Up Time
Io=Full load, Vin=S00VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN Out
Note:
1. Dimensions are shown in mm.
2. Weight: 350~428gs approx.
3. Input connector mates with Molex housing 09-50-3051 and Molex 2478
series crimp terminal.
4. Output connector mates with Molex housing 09-50-3131 and Molex 2478
series crimp terminal.
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
9
10
11
12
13
(Optional)
SIFA120-SXX-13PIN
OUT
OUT
OUT
OUT
OUT
OUT
RTN
RTN
RTN
RTN
RTN
RTN
PFD
SIFA120-D19-13PIN
N/C
N/C
Vo1
Vo1
Vo1
Vo1
COM COM COM
Vo3
COM COM
PFD
SIFA120-D15-13PIN
N/C
N/C
Vo1
Vo1
Vo1
Vo1
COM COM COM
Vo3
COM COM
PFD
SIFA120-DXX-13PIN
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
COM COM COM
N/C
COM COM
PFD
SIFA120-TXX-13PIN
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
COM COM COM
Vo3
COM COM
PFD
Note: Vo1:Output#1 Vo2:Output#2 Vo3:Output#3


Similar Part No. - SIFA120-S11

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA120-S11 Vitec-SIFA120-S11 Datasheet
425Kb / 2P
   120W Open Frame Power Supply for Industrial Equipment
More results

Similar Description - SIFA120-S11

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA120-SERIES Vitec-SIFA120-SERIES Datasheet
425Kb / 2P
   120W Open Frame Power Supply for Industrial Equipment
SMFA120-SERIES Vitec-SMFA120-SERIES Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
STFA120-SERIES Vitec-STFA120-SERIES Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
SMFA120 Vitec-SMFA120 Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
STFA120 Vitec-STFA120 Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
logo
List of Unclassifed Man...
EOFP-120M ETC2-EOFP-120M Datasheet
338Kb / 2P
   120W Open Frame Power Supply
logo
Vitec Power
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA58 Vitec-SIFA58 Datasheet
369Kb / 2P
   60W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com