Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWMW12BA2B-B Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWMW12BA2B-B
Description  General Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWMW12BA2B-B Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWMW12BA2B-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BA2B-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BA2B-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BA2B-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BA2B-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BA2B-B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BA2B-B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BA2B-B Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12BA2B-B Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
B40
B
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level: 10A @ 125/250V AC for JWM & JWMW models; 10A @ 30V DC for JWMW;
16A @ 125/250V AC for JWL & JWLW models; 5A @ 72V DC for telecommunication applications
Other Ratings
Contact Resistance: 10 milliohms maximum for JWM & JWMW; 20 milliohms maximum for JWL & JWLW
Insulation Resistance: 1,000 megohms minimum @ 500V DC
Dielectric Strength: 2,000V AC minimum between contacts for 1 minute minimum;
4,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life: 25,000 operations minimum
Electrical Life: 25,000 operations minimum
Nominal Operating Force: JWM & JWMW Single Pole 3.92N & Double Pole 7.84N
JWL Single Pole 5.00N & Double Pole 10.00N; JWLW Double Pole 10.00N
Angle of Throw: 26°
Materials & Finishes
Rocker:
Polyphenylene ether (UL94V-0)
Contacts: JWM & JWMW: Silver alloy with silver plating
Housing/Frame & Barrier:
Polyamide (UL94V-0)
JWL & JWLW: Silver alloy plus copper with
Interior Seal for JWM & JWL:
Polyphenylene sulfide (UL94V-0)
silver plating
Case/Base:
Melamine (UL94V-0)
Terminals: Brass with silver plating
Environmental Data
Operating Temperature Range: –25°C through +70°C (–13°F through +158°F) for JWM & JWL;
–25°C through +85°C (–13°F through +185°F) for panel seal JWMW & JWLW models
Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing: IP67 of IEC60529 standard for panel seal JWMW & JWLW models; dust resistant inner seal for others
Installation
Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards: UL94V-0 for rocker, housing, seal & case/base of JWL, JWM, JWMW & JWLW models
TV Ratings for UL & CSA: JWM (TV-5) Overload Test @ 120V AC for 50 operations:
Steady State Current (rms) 7.5A; Minimum Inrush Current (peak) 111A.
JWM (TV-5) Endurance Test @ 120V AC for 25,000 operations:
Steady State Current (rms) 5A; Minimum Inrush Current (peak) 78A.
JWL (TV-8) Overload Test @ 120V AC for 50 operations:
Steady State Current (rms) 12A; Minimum Inrush Current (peak) 163A.
JWL (TV-8) Endurance Test @ 120V AC for 25,000 operations:
Steady State Current (rms) 8A; Minimum Inrush Current (peak) 117A.
UL: File No. E44145
JWM & JWMW models recognized at 10A @ 250V AC.
JWMW recognized at 10A @ 30V DC.
JWL & JWLW models recognized at 16A @ 250V AC; JWL at 5A @ 72V DC.
Models below recognized only when ordered with marking on switch.
JWMW: add “/U” to end of part number to order UL mark on switch; add “/CUL” to end of part
number to order cULus mark on switch.
JWL: add “/U-DC” to end of part number to request UL rating on DC rated switch.
CSA: File No. 023535_0_000
JWM & JWMW models certified at 10A @ 250V AC; JWL models certified at 16A @ 250V AC
VDE: License No. 115674
JWM models approved at steady state 5A, inrush 80A, resistive 10A, & motor load 6A all at
250V AC; JWL models approved at steady state inrush 128A, resistive 16A, & motor load 8A
all at 250V AC.
Note: JWM & JWL Double Pole, Single Throw models approved only with the international
ON-OFF symbols on the actuator.


Similar Part No. - JWMW12BA2B-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWMW12BA2B-B ETC2-JWMW12BA2B-B Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Nihon Kaiheiki Industry...
JWMW12BA2B-B NKK-JWMW12BA2B-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWMW12BA2B-B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com