Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKD196-16 Datasheet(PDF) 1 Page - International Rectifier

Part # IRKD196-16
Description  STANDARD RECOVERY DIODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD196-16 Datasheet(HTML) 1 Page - International Rectifier

  IRKD196-16 Datasheet HTML 1Page - International Rectifier IRKD196-16 Datasheet HTML 2Page - International Rectifier IRKD196-16 Datasheet HTML 3Page - International Rectifier IRKD196-16 Datasheet HTML 4Page - International Rectifier IRKD196-16 Datasheet HTML 5Page - International Rectifier IRKD196-16 Datasheet HTML 6Page - International Rectifier IRKD196-16 Datasheet HTML 7Page - International Rectifier IRKD196-16 Datasheet HTML 8Page - International Rectifier IRKD196-16 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
165 A
195 A
230 A
Bulletin I27116 rev. C 03/02
1
NEW INT-A-pak Power Modules
IF(AV)
165
195
230
A
@ TC
100
100
100
°C
IF(RMS)
260
305
360
A
I
FSM @ 50Hz
4000
4750
5500
A
@ 60Hz
4200
4980
5765
A
I2t @ 50Hz
80
113
151
KA2s
@ 60Hz
73
103
138
KA2s
I2
√t
798
1130
1516
KA2
√s
VRRM
400 to 1600
V
TJ range
- 40 to 150
°C
Major Ratings and Characteristics
Features
High Voltage
Electrically Isolated by DBC Ceramic ( Al
2O3)
3500 VRMS Isolating Voltage
Industrial Standard Package
High Surge Capability
Glass Passivated Chips
Modules uses High Voltage Power diodes
in four Basic Configurations
Simple Mounting
UL E78996 approved
Parameters
IRK.166.. IRK.196.. IRK.236.. Units
STANDARD RECOVERY DIODES
Applications
DC Motor Control and Drives
Battery Charges
Welders
Power Converters
SERIES
IRK.166, .196, .236
CASE STYLE NEW INT-A-PAK
www.irf.com


Similar Part No. - IRKD196-16

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
IRKD106 IRI-IRKD106 Datasheet
924Kb / 4P
   POWER MODULE
IRKD106/12 IRI-IRKD106/12 Datasheet
924Kb / 4P
   POWER MODULE
IRKD106/16 IRI-IRKD106/16 Datasheet
924Kb / 4P
   POWER MODULE
IRKD106/20 IRI-IRKD106/20 Datasheet
924Kb / 4P
   POWER MODULE
IRKD106/22 IRI-IRKD106/22 Datasheet
924Kb / 4P
   POWER MODULE
More results

Similar Description - IRKD196-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com