Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C23243CDLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C23243CDLR
Description  3-V TO 5.5-V DUAL RS-232 PORT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C23243CDLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75C23243CDLR Datasheet HTML 3Page - Texas Instruments SN75C23243CDLR Datasheet HTML 4Page - Texas Instruments SN75C23243CDLR Datasheet HTML 5Page - Texas Instruments SN75C23243CDLR Datasheet HTML 6Page - Texas Instruments SN75C23243CDLR Datasheet HTML 7Page - Texas Instruments SN75C23243CDLR Datasheet HTML 8Page - Texas Instruments SN75C23243CDLR Datasheet HTML 9Page - Texas Instruments SN75C23243CDLR Datasheet HTML 10Page - Texas Instruments SN75C23243CDLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN65C23243, SN75C23243
3V TO 5.5V DUAL RS232 PORT
SLLS513A − AUGUST 2001 − REVISED MARCH 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 7)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = −1 mA
VCC − 0.6 V
VCC − 0.1 V
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
VIT+
Positive-going input threshold voltage
VCC = 3.3 V
1.6
2.4
V
VIT+
Positive-going input threshold voltage
VCC = 5 V
1.9
2.4
V
VIT−
Negative-going input threshold voltage
VCC = 3.3 V
0.6
1.1
V
VIT−
Negative-going input threshold voltage
VCC = 5 V
0.8
1.4
V
Vhys
Input hysteresis (VIT+ − VIT−)
0.5
V
Ioff
Output leakage current (except ROUT2B)
FORCEOFF = 0 V
±0.05
±10
µA
ri
Input resistance
VI = ±3 V to ±25 V
3
5
7
k
† All typical values are at VCC = 3.3 V or VCC = 5 V and TA = 25°C.
NOTE 4: Test conditions are C1−C4 = 0.22
µF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2−C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 7)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 150 pF, See Figure 4
150
ns
tPHL
Propagation delay time, high- to low-level output
CL = 150 pF, See Figure 4
150
ns
ten
Output enable time
CL = 150 pF, RL = 3 kΩ See Figure 5
200
ns
tdis
Output disable time
CL = 150 pF, RL = 3 kΩ, See Figure 5
200
ns
tsk(p)
Pulse skew‡
See Figure 4
50
ns
† All typical values are at VCC = 3.3 V or VCC = 5 V and TA = 25°C.
‡ Pulse skew is defined as |tPLH − tPHL| of each channel of the same device.
NOTE 4: Test conditions are C1−C4 = 0.22
µF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2−C4 = 0.33 µF at VCC = 5 V ± 0.5 V.


Similar Part No. - SN75C23243CDLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C23243 TI-SN75C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243 TI-SN75C23243 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DGGR TI-SN75C23243DGGR Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DGGR TI-SN75C23243DGGR Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DGGRE4 TI-SN75C23243DGGRE4 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results

Similar Description - SN75C23243CDLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243_06 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com