Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C23243DLRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # SN65C23243DLRG4
Description  3-V TO 5.5-V DUAL RS-232 PORT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65C23243DLRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN65C23243DLRG4 Datasheet HTML 11Page - Texas Instruments SN65C23243DLRG4 Datasheet HTML 12Page - Texas Instruments SN65C23243DLRG4 Datasheet HTML 13Page - Texas Instruments SN65C23243DLRG4 Datasheet HTML 14Page - Texas Instruments SN65C23243DLRG4 Datasheet HTML 15Page - Texas Instruments SN65C23243DLRG4 Datasheet HTML 16Page - Texas Instruments SN65C23243DLRG4 Datasheet HTML 17Page - Texas Instruments SN65C23243DLRG4 Datasheet HTML 18Page - Texas Instruments SN65C23243DLRG4 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - SN65C23243DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C23243DLRG4 TI-SN65C23243DLRG4 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results

Similar Description - SN65C23243DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243_06 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com