Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLW3012-24RB1B Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MLW3012-24RB1B
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MLW3012-24RB1B Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  MLW3012-24RB1B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-24RB1B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-24RB1B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-24RB1B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-24RB1B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-24RB1B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-24RB1B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series MLW
Snap-in Miniature Rockers
B106
B
www.nkkswitches.com
General Specifications
Electrical Capacity
Power Level:
5A @ 125V AC, 3A @ 250V AC, & 3A @ 30V DC
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
30,000 operations minimum
Electrical Life:
10,000 operations minimum
Nominal Operating Force:
9.94N for rockers & 4.41N for paddles
Angle of Throw:
24° for On-None-(On); 28° for all other circuits
Materials & Finishes
Housing:
Stainless steel
Movable Contacts:
Silver alloy
Stationary Contacts:
Silver
Base:
Phenolic resin
Common Terminal:
Copper with silver plating
End Terminals:
Copper with silver plating
Lamp Terminals:
Phosphor bronze with nickel plating
Environmental Data
Operating Temperature Range:
–10°C through +50°C (+14°F through +122°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 3 right angled directions, with 3 shocks in each direction)
Installation
Cap Installation Force:
9.80N (2.2 lbf) for rockers;
19.61N (4.4 lbf) for paddle
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” before first dash in part number to order UL recognized switch.
All models recognized at 5A @ 125V AC & 3A @ 250V AC.


Similar Part No. - MLW3012-24RB1B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MLW3012-24 NKK-MLW3012-24 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
MLW3012-24-RA-1A NKK-MLW3012-24-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-24-RA-1A NKK-MLW3012-24-RA-1A Datasheet
256Kb / 7P
   General Specifications
MLW3012-24-RA-1B NKK-MLW3012-24-RA-1B Datasheet
256Kb / 7P
   General Specifications
MLW3012-24-RA-1C NKK-MLW3012-24-RA-1C Datasheet
256Kb / 7P
   General Specifications
More results

Similar Description - MLW3012-24RB1B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com