Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS816018DGT-250I Datasheet(PDF) 12 Page - GSI Technology

Part No. GS816018DGT-250I
Description  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816018DGT-250I Datasheet(HTML) 12 Page - GSI Technology

Back Button GS816018DGT-250I Datasheet HTML 8Page - GSI Technology GS816018DGT-250I Datasheet HTML 9Page - GSI Technology GS816018DGT-250I Datasheet HTML 10Page - GSI Technology GS816018DGT-250I Datasheet HTML 11Page - GSI Technology GS816018DGT-250I Datasheet HTML 12Page - GSI Technology GS816018DGT-250I Datasheet HTML 13Page - GSI Technology GS816018DGT-250I Datasheet HTML 14Page - GSI Technology GS816018DGT-250I Datasheet HTML 15Page - GSI Technology GS816018DGT-250I Datasheet HTML 16Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
GS816018/32/36DGT-400/375/333/250/200/150
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03a 9/2013
12/24
© 2011, GSI Technology
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
0.5 to 4.6
V
VDDQ
Voltage in VDDQ Pins
0.5 to VDD
V
VI/O
Voltage on I/O Pins
0.5 to VDD +0.5 ( 4.6 V max.)
V
VIN
Voltage on Other Input Pins
0.5 to VDD +0.5 ( 4.6 V max.)
V
IIN
Input Current on Any Pin
+/–20
mA
IOUT
Output Current on Any I/O Pin
+/–20
mA
PD
Package Power Dissipation
1.5
W
TSTG
Storage Temperature
55 to 125
oC
TBIAS
Temperature Under Bias
55 to 125
oC
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of
this component.
Power Supply Voltage Ranges
Parameter
Symbol
Min.
Typ.
Max.
Unit
3.3 V Supply Voltage
VDD3
3.0
3.3
3.6
V
2.5 V Supply Voltage
VDD2
2.3
2.5
2.7
V
3.3 V VDDQ I/O Supply Voltage
VDDQ3
3.0
3.3
3.6
V
2.5 V VDDQ I/O Supply Voltage
VDDQ2
2.3
2.5
2.7
V
VDD3 Range Logic Levels
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input High Voltage
VIH
2.0
VDD + 0.3
V
Input Low Voltage
VIL
0.3
0.8
V
Notes:
1. VIH (max) must be met for any instantaneous value of VDD.
2. VDD needs to power-up before or at the same time as VDDQ to make sure VIH (max) is not exceeded.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn