Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82583ED18GK-625I Datasheet(PDF) 2 Page - GSI Technology

Part # GS82583ED18GK-625I
Description  288Mb SigmaQuad-IIIe??Burst of 4 SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82583ED18GK-625I Datasheet(HTML) 2 Page - GSI Technology

  GS82583ED18GK-625I Datasheet HTML 1Page - GSI Technology GS82583ED18GK-625I Datasheet HTML 2Page - GSI Technology GS82583ED18GK-625I Datasheet HTML 3Page - GSI Technology GS82583ED18GK-625I Datasheet HTML 4Page - GSI Technology GS82583ED18GK-625I Datasheet HTML 5Page - GSI Technology GS82583ED18GK-625I Datasheet HTML 6Page - GSI Technology GS82583ED18GK-625I Datasheet HTML 7Page - GSI Technology GS82583ED18GK-625I Datasheet HTML 8Page - GSI Technology GS82583ED18GK-625I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
GS82583ED18/36GK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 8/2016
2/26
© 2014, GSI Technology
16M x 18 Pinout (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
A
VDD
VDDQ
VDD
VDDQ
NC
(RSVD)
MCH
(CFG)
MCL
ZQ
PZT1
VDDQ
VDD
VDDQ
VDD
B
VSS
NUO
VSS
NUI
MVQ
MCH
(B4M)
NC
(RSVD)
MCH
(SIOM)
PZT0
D0
VSS
Q0
VSS
C
Q17
VDDQ
D17
VDDQ
VSS
SA
VDD
SA
VSS
VDDQ
NUI
VDDQ
NUO
D
VSS
NUO
VSS
NUI
SA
VDDQ
SA
VDDQ
SA
D1
VSS
Q1
VSS
E
Q16
VDDQ
D16
VDD
VSS
SA
VSS
SA
VSS
VDD
NUI
VDDQ
NUO
F
VSS
NUO
VSS
NUI
SA
VDD
VDDQ
VDD
SA
D2
VSS
Q2
VSS
G
Q15
NUO
D15
NUI
VSS
SA
MZT1
SA
VSS
D3
NUI
Q3
NUO
H
Q14
VDDQ
D14
VDDQ
SA
VDDQ
W
VDDQ
SA
VDDQ
NUI
VDDQ
NUO
J
VSS
NUO
VSS
NUI
VSS
SA
VSS
SA
VSS
D4
VSS
Q4
VSS
K
CQ1
VDDQ
VREF
VDD
KD1
VDD
CK
VDD
KD0
VDD
VREF
VDDQ
CQ0
L
CQ1
VSS
QVLD1
Vss
KD1
VDDQ
CK
VDDQ
KD0
VSS
QVLD0
VSS
CQ0
M
VSS
Q13
VSS
D13
VSS
SA
VSS
SA
VSS
NUI
VSS
NUO
VSS
N
NUO
VDDQ
NUI
VDDQ
DLL
VDDQ
R
VDDQ
MCH
VDDQ
D5
VDDQ
Q5
P
NUO
Q12
NUI
D12
VSS
SA
MZT0
SA
VSS
NUI
D6
NUO
Q6
R
VSS
Q11
VSS
D11
MCH
VDD
VDDQ
VDD
RST
NUI
VSS
NUO
VSS
T
NUO
VDDQ
NUI
VDD
VSS
SA
VSS
SA
VSS
VDD
D7
VDDQ
Q7
U
VSS
Q10
VSS
D10
NC
(576 Mb)
VDDQ
NC
(RSVD)
VDDQ
NC
(1152 Mb)
NUI
VSS
NUO
VSS
V
NUO
VDDQ
NUI
VDDQ
VSS
SA
(x18)
VDD
NUI
(B2)
VSS
VDDQ
D8
VDDQ
Q8
W
VSS
Q9
VSS
D9
TCK
MCL
NC
(RSVD)
MCL
TMS
NUI
VSS
NUO
VSS
Y
VDD
VDDQ
VDD
VDDQ
TDO
ZT
NC
(RSVD)
MCL
TDI
VDDQ
VDD
VDDQ
VDD
Notes:
1. Pins 6W, 7A, 8W, and 8Y must be tied Low in this device.
2. Pins 5R and 9N must be tied High in this device.
3. Pin 6A is defined as mode pin CFG in the pinout standard. It must be tied High in this device to select x18 configuration.
4. Pin 8B is defined as mode pin SIOM in the pinout standard. It must be tied High in this device to select Separate I/O configuration.
5. Pin 6B is defined as mode pin B4M in the pinout standard. It must be tied High in this device to select Burst-of-4 configuration.
6. Pin 6V is defined as address pin SA for x18 devices. It is used in this device.
7. Pin 8V is defined as address pin SA for B2 devices. It is unused in this device, and must be left unconnected or driven Low.
8. Pin 5U is reserved as address pin SA for 576 Mb devices. It is a true no connect in this device.
9. Pin 9U is reserved as address pin SA for 1152 Mb devices. It is a true no connect in this device.


Similar Part No. - GS82583ED18GK-625I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82583ED18GK-625 GSI-GS82583ED18GK-625 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results

Similar Description - GS82583ED18GK-625I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82583ED18 GSI-GS82583ED18 Datasheet
366Kb / 26P
   288Mb SigmaQuad-IIIe??Burst of 4 SRAM
GS82583EQ18 GSI-GS82583EQ18 Datasheet
358Kb / 26P
   288Mb SigmaQuad-IIIe??Burst of 2 SRAM
GS82582D38GE-400I GSI-GS82582D38GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582D18GE-333I GSI-GS82582D18GE-333I Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D36E-375 GSI-GS82582D36E-375 Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582DT38GE-450I GSI-GS82582DT38GE-450I Datasheet
453Kb / 27P
   288Mb SigmaQuad-IIBurst of 4 SRAM
GS82582D20GE-400I GSI-GS82582D20GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-450 GSI-GS82582DT20GE-450 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-450I GSI-GS82582DT20GE-450I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-550I GSI-GS82582DT20GE-550I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com