Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6224CHGJ6F Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT6224CHGJ6F
Description  ACOT Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6224CHGJ6F Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT6224CHGJ6F Datasheet HTML 5Page - Richtek Technology Corporation RT6224CHGJ6F Datasheet HTML 6Page - Richtek Technology Corporation RT6224CHGJ6F Datasheet HTML 7Page - Richtek Technology Corporation RT6224CHGJ6F Datasheet HTML 8Page - Richtek Technology Corporation RT6224CHGJ6F Datasheet HTML 9Page - Richtek Technology Corporation RT6224CHGJ6F Datasheet HTML 10Page - Richtek Technology Corporation RT6224CHGJ6F Datasheet HTML 11Page - Richtek Technology Corporation RT6224CHGJ6F Datasheet HTML 12Page - Richtek Technology Corporation RT6224CHGJ6F Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT6224C
9
DS6224C-00 August 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (10ms/Div)
Power Off from VIN
VOUT
(1V/Div)
VIN
(5V/Div)
IOUT
(2A/Div)
VIN = 12V, VOUT = 1V, IOUT = 3A
Time (5ms/Div)
Power On from EN
VOUT
(1V/Div)
VEN
(3V/Div)
IOUT
(2A/Div)
VIN = 12V, VOUT = 1V, IOUT = 3A
Time (5ms/Div)
Power Off from EN
VOUT
(1V/Div)
VEN
(3V/Div)
IOUT
(2A/Div)
VIN = 12V, VOUT = 1V, IOUT = 3A
Time (10ms/Div)
Power On from VIN
VOUT
(1V/Div)
VIN
(5V/Div)
IOUT
(2A/Div)
VIN = 12V, VOUT = 1V, IOUT = 3A


Similar Part No. - RT6224CHGJ6F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6220AGQUF RICHTEK-RT6220AGQUF Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6220AHGQUF RICHTEK-RT6220AHGQUF Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6220BHGQUF RICHTEK-RT6220BHGQUF Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6220BLGQUF RICHTEK-RT6220BLGQUF Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
More results

Similar Description - RT6224CHGJ6F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com