Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81302Q09E-300I Datasheet(PDF) 4 Page - GSI Technology

Part # GS81302Q09E-300I
Description  144Mb SigmaQuadTM-II Burst of 2 SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q09E-300I Datasheet(HTML) 4 Page - GSI Technology

  GS81302Q09E-300I Datasheet HTML 1Page - GSI Technology GS81302Q09E-300I Datasheet HTML 2Page - GSI Technology GS81302Q09E-300I Datasheet HTML 3Page - GSI Technology GS81302Q09E-300I Datasheet HTML 4Page - GSI Technology GS81302Q09E-300I Datasheet HTML 5Page - GSI Technology GS81302Q09E-300I Datasheet HTML 6Page - GSI Technology GS81302Q09E-300I Datasheet HTML 7Page - GSI Technology GS81302Q09E-300I Datasheet HTML 8Page - GSI Technology GS81302Q09E-300I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
16M x 8 SigmaQuad-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
NW1
K
SA
R
SA
SA
CQ
B
NC
NC
NC
SA
NC/SA
(288Mb)
K
NW0
SA
NC
NC
Q3
C
NC
NC
NC
VSS
SA
SA
SA
VSS
NC
NC
D3
D
NC
D4
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q4
VDDQ
VSS
VSS
VSS
VDDQ
NC
D2
Q2
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D5
Q5
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q1
D1
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q6
D6
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q0
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D0
N
NC
D7
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q7
SA
SA
C
SA
SA
NC
NC
NC
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Notes:
1. NW0 controls writes to D0:D3. NW1 controls writes to D4:D7.
2. B5 is the expansion address.
GS81302Q08/09/18/36E-300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04c 1/2012
4/33
© 2011, GSI Technology


Similar Part No. - GS81302Q09E-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302Q07 GSI-GS81302Q07 Datasheet
375Kb / 28P
   144Mb SigmaQuad-IITM
GS81302Q07E-200I GSI-GS81302Q07E-200I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q07E-250 GSI-GS81302Q07E-250 Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS81302Q07E-300 GSI-GS81302Q07E-300 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q07E-300I GSI-GS81302Q07E-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
More results

Similar Description - GS81302Q09E-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302Q08E-250I GSI-GS81302Q08E-250I Datasheet
640Kb / 33P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q18AGD-333 GSI-GS81302Q18AGD-333 Datasheet
608Kb / 29P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q18AGD-375I GSI-GS81302Q18AGD-375I Datasheet
608Kb / 29P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302D18AGD-400I GSI-GS81302D18AGD-400I Datasheet
507Kb / 28P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D08GE-300 GSI-GS81302D08GE-300 Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D18E-333I GSI-GS81302D18E-333I Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D09E-350 GSI-GS81302D09E-350 Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302TT07 GSI-GS81302TT07 Datasheet
436Kb / 30P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T06 GSI-GS81302T06 Datasheet
390Kb / 29P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T07 GSI-GS81302T07 Datasheet
441Kb / 31P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com