Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2856GQW Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT2856GQW
Description  Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2856GQW Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT2856GQW Datasheet HTML 1Page - Richtek Technology Corporation RT2856GQW Datasheet HTML 2Page - Richtek Technology Corporation RT2856GQW Datasheet HTML 3Page - Richtek Technology Corporation RT2856GQW Datasheet HTML 4Page - Richtek Technology Corporation RT2856GQW Datasheet HTML 5Page - Richtek Technology Corporation RT2856GQW Datasheet HTML 6Page - Richtek Technology Corporation RT2856GQW Datasheet HTML 7Page - Richtek Technology Corporation RT2856GQW Datasheet HTML 8Page - Richtek Technology Corporation RT2856GQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RT2856
®
DS2856-10
October 2016
www.richtek.com
1
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Design
Tools
Sample &
Buy
Applications
High Performance Point of Load Regulation
Notebook Computers
High Density and Distributed Power Systems
General Description
The RT2856 is a high efficiency, monolithic synchronous
step-down DC/DC converter that can deliver up to 6A output
current from a 4.5V to 18V input supply. The RT2856
current-mode architecture with external compensation
allows the transient response to be optimized over a wide
range of loads and output capacitors. Cycle-by-cycle
current limit provides protection against shorted outputs
and soft-start eliminates input current surge during start-
up. Fault condition protections include output under-voltage
protection, output over-voltage protection, and over-
temperature protection. The low current shutdown mode
provides output disconnection, enabling easy power
management in battery-powered systems.
6A, 18V, Synchronous Step-Down Converter
Features
Low RDS(ON) Power MOSFET Switches 26m
Ω
Ω
Ω
Ω
Ω/19mΩ
Ω
Ω
Ω
Ω
Input Voltage Range : 4.5V to 18V
Adjustable Switching Frequency : 200kHz to 1.6MHz
Current-Mode Control
Synchronous to External Clock : 200kHz to 1.6MHz
Accurate Voltage Reference 0.8V
±±±±± 1%, Over −−−−−40°°°°°C
to 85
°°°°°C
Monotonic Start-Up into Pre-biased Outputs
Adjustable Soft-Start
Power Good Indicator
Under-Voltage and Over-Voltage Protection
Input Under-Voltage Lockout
RoHS Compliant and Halogen Free
Marking Information
Simplified Application Circuit
00= : Product Code
YMDNN : Date Code
00=YM
DNN
VIN
RT2856
VIN
PVIN
BOOT
FB
COUT
VOUT
CIN
R1
R2
PGOOD
COMP
RT/SYNC
L
EN
PGOOD
SS/TR
CSS
ROSC
CBOOT
LX
GND
RCOMP1
CCOMP1
Enable
CCOMP2


Similar Part No. - RT2856GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
RT2856HGQW RICHTEK-RT2856HGQW Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
More results

Similar Description - RT2856GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com