Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2855ALGQW Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT2855ALGQW
Description  ACOT Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2855ALGQW Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT2855ALGQW Datasheet HTML 3Page - Richtek Technology Corporation RT2855ALGQW Datasheet HTML 4Page - Richtek Technology Corporation RT2855ALGQW Datasheet HTML 5Page - Richtek Technology Corporation RT2855ALGQW Datasheet HTML 6Page - Richtek Technology Corporation RT2855ALGQW Datasheet HTML 7Page - Richtek Technology Corporation RT2855ALGQW Datasheet HTML 8Page - Richtek Technology Corporation RT2855ALGQW Datasheet HTML 9Page - Richtek Technology Corporation RT2855ALGQW Datasheet HTML 10Page - Richtek Technology Corporation RT2855ALGQW Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT2855A/B
7
DS2855A/B-01 September 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Soft-Start (SS)
The RT2855A/B soft-start uses an external pin (SS) to
clamp the output voltage and allow it to slowly rise. After
VEN is high and VREG5 exceeds its UVLO threshold, the
IC begins to source 6
μA from the SS pin. An external
capacitor at SS is used to adjust the soft-start timing.
The available capacitance range is from 2.7nF to 220nF.
Do not leave SS unconnected.
During start-up, while the SS capacitor charges, the
RT2855A/B operate in discontinuous mode with very small
pulses. This prevents negative inductor currents and keeps
the circuit from sinking current. Therefore, the output
voltage may be pre-biased to some positive level before
start-up. Once the VSS ramp charges enough to raise the
internal reference above the feedback voltage, switching
will begin and the output voltage will smoothly rise from
the pre-biased level to its regulated level. After VSS rises
above about 2.2V output over-and under-voltage protections
are enabled and the RT2855B begins continuous-switching
operation.
An internal linear regulator (VREG5) produces a 5.1V
supply from VIN that powers the internal gate drivers, PWM
logic, reference, analog circuitry, and other blocks. If VIN
is 6V or greater, VREG5 is guaranteed to provide significant
power for external loads.
PGOOD Comparator
PGOODis an open drain output controlled by a comparator
connected to the feedback signal. If FB exceeds 90% of
the internal reference voltage, PGOOD will be high
impedance. Otherwise, the PGOOD output is connected
to PGND.
External Bootstrap Capacitor
Connect a 0.1
μF low ESR ceramic capacitor between
BOOT and SW. This bootstrap capacitor provides the gate
driver supply voltage for the high side N-channel MOSFET
switch.
Over Temperature Protection
The RT2855A/B includes an over temperature protection
(OTP) circuitry to prevent overheating due to excessive
power dissipation. The OTP will shut down switching
operation when the junction temperature exceeds 150
°C.
Once the junction temperature cools down by
approximately 20
°C the IC will resume normal operation
with a complete soft-start. For continuous operation,
provide adequate cooling so that the junction temperature
does not exceed 150
°C.
Output Discharge Control
When EN pin is low, the RT2855A/B will discharge the
output with an internal 50
Ω MOSFET connected between
VOUT to GND pin.
OVP/UVP Protection
The RT2855A/B detects over and under voltage conditions
by monitoring the feedback voltage on FB pin. The two
functions are enabled after approximately 1.7 times the
soft-start time. When the feedback voltage becomes
higher than 120% of the target voltage, the OVP
comparator will go high to turn off both internal high side
and low side MOSFETs. When the feedback voltage is
lower than 70% of the target voltage for 250
μs, the UVP
comparator will go high to turn off both internal high side
and low side MOSFETs.


Similar Part No. - RT2855ALGQW

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT28516 MACOM-RT28516 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
RT28516 MACOM-RT28516 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
RT2856GQW RICHTEK-RT2856GQW Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
More results

Similar Description - RT2855ALGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com