Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2855BHGQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT2855BHGQW
Description  ACOT Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2855BHGQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT2855BHGQW Datasheet HTML 5Page - Richtek Technology Corporation RT2855BHGQW Datasheet HTML 6Page - Richtek Technology Corporation RT2855BHGQW Datasheet HTML 7Page - Richtek Technology Corporation RT2855BHGQW Datasheet HTML 8Page - Richtek Technology Corporation RT2855BHGQW Datasheet HTML 9Page - Richtek Technology Corporation RT2855BHGQW Datasheet HTML 10Page - Richtek Technology Corporation RT2855BHGQW Datasheet HTML 11Page - Richtek Technology Corporation RT2855BHGQW Datasheet HTML 12Page - Richtek Technology Corporation RT2855BHGQW Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT2855A/B
9
DS2855A/B-01 September 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RDS(ON)
Switch On
Resistance
High Side
RDS(ON)_H
TA = 25C (VBOOT  VSW) = 5.5V
--
70
--
m
Low Side
RDS(ON)_L
TA = 25C
--
30
--
Current Limit
Current Limit
ILIM
5
6
7
A
Thermal Shutdown
Thermal Shutdown Threshold
TSD
Shutdown Temperature
--
150
--
C
Thermal Shutdown Hysteresis
TSD
--
20
--
On-Time Timer Control
On-Time
tON
VIN = 12V, VOUT = 1.05V
--
135
--
ns
Minimum Off-Time
tOFF(MIN)
VFB = 0.7V, TA = 25C
--
260
310
ns
Soft-Start
SS Charge Current
VSS = 0V
5
6
7.5
A
SS Discharge Current
VSS = 0.5V (Latch Mode)
0.1
0.2
--
mA
VSS = 0.5V (Hiccup Mode)
--
0.5
--
A
UVLO
UVLO Threshold
Wake Up VREG5
3.6
3.85
4.1
V
Hysteresis
0.18
0.35
0.47
Power Good
PGOOD Threshold
VFB Rising
85
90
95
%
VFB Falling
--
85
--
PGOOD Sink Current
PGOOD = 0.5V
2.5
5
--
mA
Output Under Voltage and Over Voltage Protection
OVP Trip Threshold
OVP Detect
114
120
126
%
OVP Prop Delay
--
5
--
s
UVP Trip Threshold
65
70
75
%
UVP Hysteresis
--
10
--
UVP Prop Delay
--
250
--
s
UVP Enable Delay
tUVPEN
Relative to Soft-Start Time
--
tSS
x 1.7
--
ms


Similar Part No. - RT2855BHGQW

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT28516 MACOM-RT28516 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
RT28516 MACOM-RT28516 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
RT2856GQW RICHTEK-RT2856GQW Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
More results

Similar Description - RT2855BHGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com