Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2855AHGQW Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT2855AHGQW
Description  ACOT Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2855AHGQW Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT2855AHGQW Datasheet HTML 7Page - Richtek Technology Corporation RT2855AHGQW Datasheet HTML 8Page - Richtek Technology Corporation RT2855AHGQW Datasheet HTML 9Page - Richtek Technology Corporation RT2855AHGQW Datasheet HTML 10Page - Richtek Technology Corporation RT2855AHGQW Datasheet HTML 11Page - Richtek Technology Corporation RT2855AHGQW Datasheet HTML 12Page - Richtek Technology Corporation RT2855AHGQW Datasheet HTML 13Page - Richtek Technology Corporation RT2855AHGQW Datasheet HTML 14Page - Richtek Technology Corporation RT2855AHGQW Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT2855A/B
11
DS2855A/B-01 September 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Output Voltage vs. Output Current
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
1.09
1.10
0.0
0.4
0.8
1.2
1.6
2.0 2.4
2.8
3.2
3.6
4.0
Output Current (A)
VOUT = 1.05V
VIN = 18V
VIN = 12V
VIN = 5V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
RT2855A, VOUT = 1.05V
VIN = 5V
VIN = 12V
VIN = 18V
Feedback Voltage vs. Input Voltage
0.740
0.745
0.750
0.755
0.760
0.765
0.770
0.775
0.780
46
8
10
12
14
16
18
Input Voltage (V)
VIN = 12V, VOUT = 0.765V, IOUT = 0.6A
Feedback Voltage vs. Temperature
0.70
0.71
0.72
0.73
0.74
0.75
0.76
0.77
0.78
0.79
0.80
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 0.765V, IOUT = 0.6A
Quiescent Current vs. Temperature
600
650
700
750
800
850
900
950
1000
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 1.05V, IOUT = 0A
Shutdown Current vs. Temperature
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 1.05V, IOUT = 0A


Similar Part No. - RT2855AHGQW

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT28516 MACOM-RT28516 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
RT28516 MACOM-RT28516 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
RT2856GQW RICHTEK-RT2856GQW Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
More results

Similar Description - RT2855AHGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com