Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2810BHGQUF Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT2810BHGQUF
Description  ACOT Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2810BHGQUF Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT2810BHGQUF Datasheet HTML 1Page - Richtek Technology Corporation RT2810BHGQUF Datasheet HTML 2Page - Richtek Technology Corporation RT2810BHGQUF Datasheet HTML 3Page - Richtek Technology Corporation RT2810BHGQUF Datasheet HTML 4Page - Richtek Technology Corporation RT2810BHGQUF Datasheet HTML 5Page - Richtek Technology Corporation RT2810BHGQUF Datasheet HTML 6Page - Richtek Technology Corporation RT2810BHGQUF Datasheet HTML 7Page - Richtek Technology Corporation RT2810BHGQUF Datasheet HTML 8Page - Richtek Technology Corporation RT2810BHGQUF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
RT2810A/B
5
DS2810A/B-06 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board. The case position of θJC is
on the top of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RDS(ON)
Switch
On-Resistance
High-Side
RDS(ON)_H
--
12
--
m
Low-Side
RDS(ON)_L
--
5.4
--
Switch Current Limit
Switch Current Limit
ILIM
RLIM = 80k
10.8
13.3
--
A
Thermal Shutdown
Thermal Shutdown Threshold TSD
--
150
--
C
On-Time Timer Control
On-Time
tON
VIN = 12V, VOUT = 1.05V,
RRT = 150k
--
200
--
ns
Minimum On-Time
tON(MIN)
--
60
--
ns
Minimum Off-Time
tOFF(MIN)
--
230
--
ns
Soft-Start
SS Charge Current
VSS = 0V
5
6
7
A
UVLO
UVLO Threshold
Wake Up VIN
4
4.2
4.4
V
Hysteresis
--
0.5
--
Switching Frequency
fSW
RRT = 106k
600
700
800
kHz
RRT = 150k
430
500
570
RRT = 250k
250
300
350
Power Good
PGOOD Threshold
FB Rising
85
90
95
%VFB
FB Falling
--
80
--
PGOOD Sink Current
PGOOD = 0.1V
10
20
--
mA
OVP and UVP Protection
OVP Threshold
115
120
125
%VFB
OVP Propagation Delay
--
10
--
s
UVP Threshold
55
60
65
%VFB
UVP Hysteresis
--
17
--
%VFB
UVP Propagation Delay
--
250
--
s


Similar Part No. - RT2810BHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
List of Unclassifed Man...
RT2820D ETC-RT2820D Datasheet
72Kb / 5P
   CMOS LSI
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
RT2825GQV RICHTEK-RT2825GQV Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results

Similar Description - RT2810BHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com