Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2810AHGQUF Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT2810AHGQUF
Description  ACOT Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2810AHGQUF Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT2810AHGQUF Datasheet HTML 5Page - Richtek Technology Corporation RT2810AHGQUF Datasheet HTML 6Page - Richtek Technology Corporation RT2810AHGQUF Datasheet HTML 7Page - Richtek Technology Corporation RT2810AHGQUF Datasheet HTML 8Page - Richtek Technology Corporation RT2810AHGQUF Datasheet HTML 9Page - Richtek Technology Corporation RT2810AHGQUF Datasheet HTML 10Page - Richtek Technology Corporation RT2810AHGQUF Datasheet HTML 11Page - Richtek Technology Corporation RT2810AHGQUF Datasheet HTML 12Page - Richtek Technology Corporation RT2810AHGQUF Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
RT2810A/B
9
DS2810A/B-06 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (40
μs/Div)
Output Ripple Voltage
VIN = 12V, VOUT = 1.2V, IOUT = 50mA
RT2810A
ILX
(2A/Div)
VOUT
(50mV/Div)
VLX
(10V/Div)
Time (100
μs/Div)
Load Transient Response
VIN = 12V, VOUT = 1.2V, IOUT = 5A to 10A
IOUT
(5A/Div)
VOUT
(50mV/Div)
RT2810A
Time (100
μs/Div)
Load Transient Response
VIN = 12V, VOUT = 1.2V, IOUT = 5A to 10A
IOUT
(5A/Div)
VOUT
(50mV/Div)
RT2810B
Time (1
μs/Div)
Output Ripple Voltage
VIN = 12V, VOUT = 1.2V, IOUT = 50mA
RT2810B
ILX
(5A/Div)
VOUT
(10mV/Div)
VLX
(10V/Div)
Time (100
μs/Div)
Load Transient Response
VIN = 12V, VOUT = 1.2V, IOUT = 0.1A to 10A
IOUT
(5A/Div)
VOUT
(50mV/Div)
RT2810B
Time (100
μs/Div)
Load Transient Response
VOUT
(50mV/Div)
VIN = 12V, VOUT = 1.2V, IOUT = 0.1A to 10A
RT2810A
IOUT
(5A/Div)


Similar Part No. - RT2810AHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
List of Unclassifed Man...
RT2820D ETC-RT2820D Datasheet
72Kb / 5P
   CMOS LSI
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
RT2825GQV RICHTEK-RT2825GQV Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results

Similar Description - RT2810AHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com