Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2810A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2810A
Description  ACOT Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2810A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2810A Datasheet HTML 1Page - Richtek Technology Corporation RT2810A Datasheet HTML 2Page - Richtek Technology Corporation RT2810A Datasheet HTML 3Page - Richtek Technology Corporation RT2810A Datasheet HTML 4Page - Richtek Technology Corporation RT2810A Datasheet HTML 5Page - Richtek Technology Corporation RT2810A Datasheet HTML 6Page - Richtek Technology Corporation RT2810A Datasheet HTML 7Page - Richtek Technology Corporation RT2810A Datasheet HTML 8Page - Richtek Technology Corporation RT2810A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RT2810A/B
2
DS2810A/B-06 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin Configurations
(TOP VIEW)
UQFN-16JL 3x3 (FC)
Marking Information
RT
PVCC
AGND
FB
SW
SW
SW
BOOT
6
15
12
11
10
9
1
2
3
4
13
16
7
5
14
8
7G= : Product Code
YMDNN : Date Code
RT2810ALGQUF
7E= : Product Code
YMDNN : Date Code
RT2810BLGQUF
7H=YM
DNN
7H= : Product Code
YMDNN : Date Code
RT2810AHGQUF
7F= : Product Code
YMDNN : Date Code
RT2810BHGQUF
7G=YM
DNN
7E=YM
DNN
7F=YM
DNN
Pin No.
Pin Name
Pin Function
1
AGND
Analog Ground.
2
FB
Feedback Voltage Input. It is used to regulate the output of the converter to a set
value via an external resistive voltage divider. The feedback reference voltage is
0.7V typically.
3
PVCC
Internal Regulator Output. Connect a 1
F capacitor to GND to stabilize output
voltage.
4
RT
An External Timing Resistor Adjusts the Switching Frequency of the Device.
5
SS
Soft-Start Time Setting. An external capacitor should be connected between this
pin and GND.
6
VIN
Power Input. The input voltage range is from 4.5V to 18V. Must bypass with a
suitably large (
10F x 2) ceramic capacitor.
7
GND
Ground.
8
PGOOD
Power Good Indicator Open-Drain Output.
9
BOOT
Bootstrap. This capacitor is needed to drive the power switch's gate above the
supply voltage. It is connected between SW and BOOT pins to form a floating
supply across the power switch driver. A 0.1
F capacitor is recommended for use.
10 to 14
SW
Switch Node. Connect this pin to an external L-C filter.
15
EN
Enable Control Input. A logic-high enables the converter; a logic-low forces the IC
into shutdown mode reducing the supply current to less than 10
A.
16
RLIM
An External Resistor Adjusts the Current Limit of the Device.


Similar Part No. - RT2810A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
List of Unclassifed Man...
RT2820D ETC-RT2820D Datasheet
72Kb / 5P
   CMOS LSI
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
RT2825GQV RICHTEK-RT2825GQV Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results

Similar Description - RT2810A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com