Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2660 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT2660
Description  Synchronous Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2660 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT2660 Datasheet HTML 1Page - Richtek Technology Corporation RT2660 Datasheet HTML 2Page - Richtek Technology Corporation RT2660 Datasheet HTML 3Page - Richtek Technology Corporation RT2660 Datasheet HTML 4Page - Richtek Technology Corporation RT2660 Datasheet HTML 5Page - Richtek Technology Corporation RT2660 Datasheet HTML 6Page - Richtek Technology Corporation RT2660 Datasheet HTML 7Page - Richtek Technology Corporation RT2660 Datasheet HTML 8Page - Richtek Technology Corporation RT2660 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
RT2660
www.richtek.com
DS2660-00
September 2015
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT2660 is a synchronous low voltage step-down
converter that can support the V5IN range from 4.5V to
5.5V and the output current can be up to 6A. The RT2660
uses a constant on-time, current mode architecture. In
steady-state operation, the high-side N-MOSFET is turned
on when the current feedback reaches COMP level which
is the amplified difference between the reference voltage
and the feedback voltage.
The switching frequency of 600kHz or 1000kHz allows for
efficiency and size optimization when selecting the output
filter components. The switching frequency is set using
the mode pin.
The RT2660 reduces the external component count by
integrating the boot recharge MOSFET. The bias voltage
for the integrated high-side MOSFET is supplied by a
capacitor between the BOOT and SW pins. The boot
capacitor voltage is monitored by an BOOT detection circuit
and turns off the high-side MOSFET when the voltage falls
below a threshold voltage.
The SS pin is used to minimize inrush currents or provide
power supply sequencing during power up. A small value
capacitor should be coupled to the pin for slow start. The
SS pin is discharged before the output power up to ensure
a repeatable restart after an over-temperature fault, UVLO
fault or disable condition.
The error amplifier EA adjusts COMP voltage by comparing
the output voltage to the REFIN voltage. When the load
increases, it causes a drop in the feedback voltage relative
to the reference, then the COMP voltage rises to allow
higher inductor current to match the load current.
Bootstrap Voltage (Boot) and Low Dropout Operation
The RT2660 has an integrated boot regulator and requires
a small ceramic capacitor between the BOOT and SW
pins to provide the gate drive voltage for the high-side
MOSFET. The value of the ceramic capacitor should be
0.1
μF. A ceramic capacitor with an X7R or X5R grade
dielectric with a voltage rating of 10V or higher is
recommended because of the stable characteristics over
temperature and voltage. When the BOOT voltage is lower
than the threshold voltage, low-side MOSFET turns on
and built-in bootstrap MOSFET will recharge the BOOT
capacitor. The high-side MOSFET is always turned off
when BOOT voltage is lower than threshold voltage.
PWM Frequency and Adaptive On-Time Control
The on-time can be roughly estimated by the equation :
OUT
ON
IN
SW
V
1
T
=
Vf
Error Amplifier
The RT2660 has a transconductance amplifier. The error
amplifier compares the VOUT voltage to the REFIN voltage
The REFIN voltage can comes from external power source
or taps off the voltage divider from the 2V VREF. The
transconductance of the error amplifier is 1000
μA/V during
normal operation. The frequency compensation
components are placed between the COMP pin and
ground.
Auto-Zero Current Detector
The auto-zero current detector circuit senses the SW
waveform to adjust the zero current threshold voltage.
When the current of low-side MOSFET decreases to the
zero current threshold, the low-side MOSFET turns off to
prevent negative inductor current. In this way, the zero
current threshold can adjust for different conditions to get
better efficiency.
Protection Features
The RT2660 has many features to protect the device.
Under-Voltage Protection (UVLO)
The RT2660 continuously monitors the voltage on the V5IN
pin to ensure that the voltage level is high enough to bias
the device properly and to provide sufficient gate drive
potential to maintain high efficiency. The converter starts
with approximately 4.3V and has a nominal hysteresis of
440mV. If the 5V UVLO limit is reached, the converter
transitions the phase node into an off function. And the
converter remains in the off state until the device is reset
by cycling 5V until the 5V POR is reached (2.3V nominal).
The power input does not have an UVLO function.


Similar Part No. - RT2660

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT26 ADAM-TECH-RT26 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT26 ADAM-TECH-RT26 Datasheet
156Kb / 2P
   RELAY SIGNAL RELAY THRU-HOLE-RT2
logo
Bourns Electronic Solut...
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
   Square Trimpot Trimming Potentiometer
logo
Marktech Corporate
RT260-20 MARKTECH-RT260-20 Datasheet
387Kb / 6P
   Gen III LEDs
RT260-20 MARKTECH-RT260-20_15 Datasheet
387Kb / 6P
   Gen III LEDs
More results

Similar Description - RT2660

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com