Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81282Z36GD-250V Datasheet(PDF) 2 Page - GSI Technology

Part # GS81282Z36GD-250V
Description  144Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81282Z36GD-250V Datasheet(HTML) 2 Page - GSI Technology

  GS81282Z36GD-250V Datasheet HTML 1Page - GSI Technology GS81282Z36GD-250V Datasheet HTML 2Page - GSI Technology GS81282Z36GD-250V Datasheet HTML 3Page - GSI Technology GS81282Z36GD-250V Datasheet HTML 4Page - GSI Technology GS81282Z36GD-250V Datasheet HTML 5Page - GSI Technology GS81282Z36GD-250V Datasheet HTML 6Page - GSI Technology GS81282Z36GD-250V Datasheet HTML 7Page - GSI Technology GS81282Z36GD-250V Datasheet HTML 8Page - GSI Technology GS81282Z36GD-250V Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
GS81282Z18/36(GB/GD)-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 5/2017
2/32
© 2015, GSI Technology
GS81282Z36GB Pad Out–119-Bump BGA—Top View
1
2
3
4
5
6
7
A
VDDQ
A
A
A
A
A
VDDQ
A
B
NC
E2
A
ADV
A
E3
NC
B
C
NC
A
A
VDD
A
A
NC
C
D
DQC
DQPC
VSS
ZQ
VSS
DQPB
DQB
D
E
DQC
DQC
VSS
E1
VSS
DQB
DQB
E
F
VDDQ
DQC
VSS
G
VSS
DQB
VDDQ
F
G
DQC
DQC
BC
A
BB
DQB
DQB
G
H
DQC
DQC
VSS
W
VSS
DQB
DQB
H
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
J
K
DQD
DQD
VSS
CK
VSS
DQA
DQA
K
L
DQD
DQD
BD
NC
BA
DQA
DQA
L
M
VDDQ
DQD
VSS
CKE
VSS
DQA
VDDQ
M
N
DQD
DQD
VSS
A1
VSS
DQA
DQA
N
P
DQD
DQPD
VSS
A0
VSS
DQPA
DQA
P
R
A
A
LBO
VDD
FT
A
NC
R
T
NC
A
A
A
A
A
ZZ
T
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
U
7 x 17 Bump BGA—14 x 22 mm2 Body—1.27 mm Bump Pitch


Similar Part No. - GS81282Z36GD-250V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81282Z36GD-250 GSI-GS81282Z36GD-250 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250 GSI-GS81282Z36GD-250 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250 GSI-GS81282Z36GD-250 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250I GSI-GS81282Z36GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS81282Z36GD-250V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81280Z36GT-200IV GSI-GS81280Z36GT-200IV Datasheet
367Kb / 22P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200IV GSI-GS81282Z36GD-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z36GT-250I GSI-GS81280Z36GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-250I GSI-GS81282Z36GB-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250I GSI-GS81282Z36GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z18GD-250I GSI-GS81282Z18GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z18GT-250I GSI-GS81280Z18GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81284Z36GB-200IV GSI-GS81284Z36GB-200IV Datasheet
515Kb / 29P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com