Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP2520 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NP2520
Description  TVS Auto Rectifier, 25A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NP2520 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NP2520 Datasheet HTML 1Page - Naina Semiconductor ltd. NP2520 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NP2520(R) thru
NP2534(R)
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
TVS Auto Rectifier, 25A
Features
Low Leakage
Low Forward Voltage Drop
Low Cost
High Surge Current Capability
Mechanical Characteristics
Encap: Epoxy Sealed
Lead: Plated Lead, Solderable
Mounting: Press Fit
Weight: 6.5 grams (approx.)
Electrical Characteristics (TA = 25
0C unless otherwise specified)
Parameter
Symbol
NP2520(R)
NP2524(R)
NP2534(R)
Units
Maximum repetitive peak reverse
voltage
VRRM
20
24
34
V
Maximum RMS Voltage
VRMS
14
17
24
V
Maximum DC Blocking Voltage
VDC
20
24
34
V
Maximum average forward output
current @ TA = 50
0C
IF(AV)
25
A
Peak forward surge current (8.3ms)
single half sine-wave superimposed
on rated load
IFSM
350
A
Maximum instantaneous forward
voltage drop @ 100 A
VF
1.1
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25
0C
IR
1.0
µA
TA = 100
0C
150
Typical Thermal Resistance
Rθ(j-c)
0.8
oC/W
Operating and storage temperature
TJ, TSTG
-40 to +175
oC
PRESS-FIT DIODE


Similar Part No. - NP2520

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NP2520R NAINA-NP2520R Datasheet
117Kb / 2P
   TVS Auto Rectifier, 25A
More results

Similar Description - NP2520

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NP2520R NAINA-NP2520R Datasheet
117Kb / 2P
   TVS Auto Rectifier, 25A
NP5020R NAINA-NP5020R Datasheet
117Kb / 2P
   TVS Auto Rectifier, 50A
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
   TVS Auto Rectifier, 35A
NP5020 NAINA-NP5020 Datasheet
117Kb / 2P
   TVS Auto Rectifier, 50A
NP3520R NAINA-NP3520R Datasheet
117Kb / 2P
   TVS Auto Rectifier, 35A
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
   25A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SB250-05H SANYO-SB250-05H Datasheet
79Kb / 3P
   50V, 25A Rectifier
SB250-05R SANYO-SB250-05R Datasheet
80Kb / 3P
   50V, 25A Rectifier
SBA250-04R SANYO-SBA250-04R Datasheet
82Kb / 3P
   40V, 25A Rectifier
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A Datasheet
49Kb / 3P
   25A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com