Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4576C36GL-24 Datasheet(PDF) 1 Page - GSI Technology

Part # GS4576C36GL-24
Description  576Mb CIO Low Latency DRAM (LLDRAM II)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4576C36GL-24 Datasheet(HTML) 1 Page - GSI Technology

  GS4576C36GL-24 Datasheet HTML 1Page - GSI Technology GS4576C36GL-24 Datasheet HTML 2Page - GSI Technology GS4576C36GL-24 Datasheet HTML 3Page - GSI Technology GS4576C36GL-24 Datasheet HTML 4Page - GSI Technology GS4576C36GL-24 Datasheet HTML 5Page - GSI Technology GS4576C36GL-24 Datasheet HTML 6Page - GSI Technology GS4576C36GL-24 Datasheet HTML 7Page - GSI Technology GS4576C36GL-24 Datasheet HTML 8Page - GSI Technology GS4576C36GL-24 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
GS4576C09/18/36L
64M x 9, 32M x 18, 16M x 36
576Mb CIO Low Latency DRAM (LLDRAM II)
533 MHz–300 MHz
2.5 V VEXT
1.8 V VDD
1.5 V or 1.8 V VDDQ
144-Ball
BGA
Commercial Temp
Industrial Temp
Rev: 1.04 11/2013
1/62
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Pin- and function-compatible with Micron RLDRAM® II
• 533 MHz DDR operation (1.067Gb/s/pin data rate)
• 38.4 Gb/s peak bandwidth (x36 at 533 MHz clock frequency)
• 16M x 36, 32M x 18, and 64M x 9 organizations available
• 8 banks
• Reduced cycle time (15 ns at 533 MHz)
• Address Multiplexing (Nonmultiplexed address option
available)
• SRAM-type interface
• Programmable Read Latency (RL), row cycle time, and burst
sequence length
• Balanced Read and Write Latencies in order to optimize data
bus utilization
• Data mask for Write commands
• Differential input clocks (CK, CK)
• Differential input data clocks (DKx, DKx)
• On-chip DLL generates CK edge-aligned data and output
data clock signals
• Data valid signal (QVLD)
• 32 ms refresh (16K refresh for each bank; 128K refresh
command must be issued in total each 32 ms)
• 144-ball
BGA package
• HSTL I/O (1.5 V or 1.8 V nominal)
• 25
–60 matched impedance outputs
• 2.5 V VEXT, 1.8 V VDD, 1.5 V or 1.8 V VDDQ I/O
• On-die termination (ODT) RTT
• Commerical and Industrial Temperature
Commercial (+0°
T
C +95°C)
Industrial (–40°
T
C +95°C)
Introduction
The GSI Technology 576Mb Low Latency DRAM
(LLDRAM II) is a high speed memory device designed for
high address rate data processing typically found in networking
and telecommunications applications. The 8-bank architecture
and low tRC allows access rates formerly only found in
SRAMs.
The Double Data Rate (DDR) I/O interface provides high
bandwidth data transfers, clocking out two beats of data per
clock cycle at the I/O balls. Source-synchronous clocking can
be implemented on the host device with the provided free-
running data output clock.
Commands, addresses, and control signals are single data rate
signals clocked in by the True differential input clock
transition, while input data is clocked in on both crossings of
the input data clock(s).
Read and Write data transfers always in short bursts. The burst
length is programmable to 2, 4 or 8 by setting the Mode
Register.
The device is supplied with 2.5 V VEXT and 1.8 V VDD for the
core, and 1.5 V or 1.8 V for the HSTL output drivers.
Internally generated row addresses facilitate bank-scheduled
refresh.
The device is delivered in an efficent
BGA 144-ball package.


Similar Part No. - GS4576C36GL-24

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
More results

Similar Description - GS4576C36GL-24

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4288C09 GSI-GS4288C09 Datasheet
2Mb / 62P
   32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Renesas Technology Corp
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com