Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4576C09L-33 Datasheet(PDF) 6 Page - GSI Technology

Part # GS4576C09L-33
Description  576Mb CIO Low Latency DRAM (LLDRAM II)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4576C09L-33 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS4576C09L-33 Datasheet HTML 2Page - GSI Technology GS4576C09L-33 Datasheet HTML 3Page - GSI Technology GS4576C09L-33 Datasheet HTML 4Page - GSI Technology GS4576C09L-33 Datasheet HTML 5Page - GSI Technology GS4576C09L-33 Datasheet HTML 6Page - GSI Technology GS4576C09L-33 Datasheet HTML 7Page - GSI Technology GS4576C09L-33 Datasheet HTML 8Page - GSI Technology GS4576C09L-33 Datasheet HTML 9Page - GSI Technology GS4576C09L-33 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
GS4576C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 11/2013
6/62
© 2011, GSI Technology
QVLD
Output
Data Valid—The QVLD pin indicates valid output data. QVLD is edge-aligned with QKx and QKx.
TDO
Output
IEEE 1149.1 Test Output—JTAG output. This ball may be left as no connect if the JTAG function is not
used.
VDD
Supply
Power Supply—Nominally, 1.8 V. See the DC Electrical Characteristics and Operating Conditions
section for range.
VDDQ
Supply
DQ Power Supply—Nominally, 1.5 V or 1.8 V. Isolated on the device for improved noise immunity. See
the DC Electrical Characteristics and Operating Conditions section for range.
VEXT
Supply
Power Supply—Nominally, 2.5 V. See the DC Electrical Characteristics and Operating Conditions
section for range.
VSS
Supply
Ground
VTT
Power Supply—Isolated termination supply. Nominally, VDDQ/2. See the DC Electrical Characteristics
and Operating Conditions section for range.
A22
Reserved for Future Use—This signal is not connected and may be connected to ground.
DNU
Do Not Use—These balls may be connected to ground.
NF
No Function—These balls can be connected to ground.
Ball Descriptions (Continued)
Symbol
Type
Description


Similar Part No. - GS4576C09L-33

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
More results

Similar Description - GS4576C09L-33

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4288C09 GSI-GS4288C09 Datasheet
2Mb / 62P
   32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Renesas Technology Corp
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com