Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C348A-E2-F Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RV5C348A-E2-F
Description  4-wire Serial Interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C348A-E2-F Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RV5C348A-E2-F Datasheet HTML 7Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 8Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 9Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 10Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 11Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 12Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 13Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 14Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Rx5C348A/B
Address Mapping
Address
Register Name
D a t a
A3A2A1A0
D7
D6
D5
D4
D3
D2
D1
D0
0 0 0 0 0
Second Counter
-
*2)
S40
S20
S10
S8
S4
S2
S1
1 0 0 0 1
Minute Counter
-
M40
M20
M10
M8
M4
M2
M1
2 0 0 1 0
Hour Counter
-
-
H20
P⋅/A
H10
H8
H4
H2
H1
3 0 0 1 1
Day-of-week Counter
-
-
-
-
-
W4
W2
W1
4 0 1 0 0
Day-of-month
Counter
-
-
D20
D10
D8
D4
D2
D1
5 0 1 0 1
Month Counter and
Century Bit
/19⋅20
-
-
MO10
MO8
MO4
MO2
MO1
6 0 1 1 0
Year Counter
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
7 0 1 1 1
Oscillation
Adjustment
Register *3)
(0)
*4)
F6
F5
F4
F3
F2
F1
F0
8 1 0 0 0
Alarm_W
(Minute Register)
-
WM40 WM20
WM10
WM8 WM4 WM2
WM1
9 1 0 0 1
Alarm_W
(Hour Register)
-
-
WH20
WP⋅/ A
WH10
WH8
WH4
WH2
WH1
A 1 0 1 0
Alarm_W
(Day-of-week
Register)
-
WW6
WW5
WW4
WW3 WW2 WW1
WW0
B 1 0 1 1
Alarm_D
(Minute Register)
-
DM40
DM20
DM10
DM8
DM4
DM2
DM1
C 1 1 0 0
Alarm_D
(Hour Register)
-
-
DH20
DP⋅/A
DH10
DH8
DH4
DH2
DH1
D 1 1 0 1
-
-
-
-
-
-
-
-
E 1 1 1 0
Control Register 1
*3)
WALE
DALE
/12⋅24
/CLEN2
*5)
TEST
CT2
CT1
CT0
F 1 1 1 1
Control Register 2
*3)
VDSL
VDET
SCRA
TCH1
XSTP /CLEN1
*5)
CTFG WAFG DAFG
Notes:
* 1) All the data listed above accept both reading and writing.
* 2) The data marked with "-" is invalid for writing and reset to 0 for reading.
* 3) When the XSTP bit is set to 1 in Control Register 2, all the bits are reset to 0 in Oscillation Adjustment
Register, Control Register 1 and Control Register 2 excluding the XSTP bit.
* 4) Writing to the Oscillation Adjustment Register requires filling the (0) bit.
* 5) These bit names apply to the Rx5C348A. For the Rx5C348B the bit names are SCRATCH2 and
SCRATCH3.
12345
- 11 -
*RT5C348B (TSSOP10G) and RS5C348B (SSOP10) are the discontinued products. As of July in 2016.


Similar Part No. - RV5C348A-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C348A RICOH-RV5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
More results

Similar Description - RV5C348A-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C348A-E2-F RICOH-RS5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
R2043K RICOH-R2043K Datasheet
468Kb / 48P
   4-wire Serial Interface
RX5C348A RICOH-RX5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
ON Semiconductor
AR0135AT ONSEMI-AR0135AT Datasheet
703Kb / 5P
   Two-wire Serial Interface
January, 2016 ??Rev. 0
logo
Renesas Technology Corp
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
267Kb / 18P
   Two-wire serial interface
logo
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
logo
Epson Company
RX-4045SA EPSON-RX-4045SA Datasheet
49Kb / 3P
   4-wire serial interface high-stability RTC module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com