Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A-E2-F Datasheet(PDF) 6 Page - RICOH electronics devices division

Part No. RS5C372A-E2-F
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A-E2-F Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RS5C372A-E2-F Datasheet HTML 2Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 3Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 4Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 5Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 6Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 7Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 8Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 9Page - RICOH electronics devices division RS5C372A-E2-F Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
RS5C372A
6
AC CHARACTERISTICS
V
DD
1.7V (supports standard mode I
2C bus)
Unless otherwise specified : VSS
0V, Topt=40 to 85, Crystal=32.768kHz or 32.000kHz,
Input and Output Conditions:VIH=0.8
VDD,VIL=0.2VDD,VOL=0.2VDD,CL=50pF
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
fSCL
SCL Clock Frequency
0
100
kHz
tLOW
SCL Clock “L” Time
4.7
s
tHIGH
SCL Clock “H” Time
4.0
s
tHD ; STA
Start Condition Hold Time
4.0
s
tSU ; STO
Stop Condition Setup Time
4.0
s
tSU ; STA
Start Condition Setup Time
4.7
s
tSU ; DAT
Data Setup Time
250
ns
tHDH ; DAT
“H”Data Hold Time
0
ns
tHDL ; DAT
“L”Data Hold Time
VDD
2.0V
35
ns
tHDL ; DAT
“L”Data Hold Time
VDD
1.7V
150
ns
tPL ; DAT
SDA “L”Stable Time After Falling of SCL
2.0
s
tPZ ; DAT
SDA off Stable Time After Falling of SCL
2.0
s
tR
Rising Time of SCL and SDA (Input)
1000
ns
tF
Falling Time of SCL and SDA (Input)
300
ns
tSP
Spike Width that can be Removed
with Input Filter
50
ns
SSr
P
SCL
SDA(IN)
SDA(OUT)
tLOW
tHD;STA
tHDH;DAT
tPZ;DAT
tPL;DAT
tSU;STA
tSU;STO
tHIGH
tHD;STA
tSP
tSU;DAT
Sr
S Start condition
Stop condition
Repeated start condition
P
tHDL;DAT
) For detailed information refer to “USAGES, 1.2 Transmission System of I2C bus.”


Similar Part No. - RS5C372A-E2-F

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results

Similar Description - RS5C372A-E2-F

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz